Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
14
Freescale Semiconductor
Input Clocks
4
Input Clocks
4.1
System Clock Timing
Table 5 provides the system clock (SYSCLK) AC timing specifications for the MPC8544E.
4.1.1
SYSCLK and Spread Spectrum Sources
Spread spectrum clock sources are an increasingly popular way to control electromagnetic interference
emissions (EMI) by spreading the emitted noise to a wider spectrum and reducing the peak noise
magnitude in order to meet industry and government requirements. These clock sources intentionally add
long-term jitter in order to diffuse the EMI spectral content. The jitter specification given in Table 5
considers short-term (cycle-to-cycle) jitter only and the clock generator’s cycle-to-cycle output jitter
should meet the MPC8544E input cycle-to-cycle jitter requirement. Frequency modulation and spread are
separate concerns, and the MPC8544E is compatible with spread spectrum sources if the recommendations
listed in Table 6 are observed.
Table 5. SYSCLK AC Timing Specifications
At recommended operating conditions (see Table 2) with OVDD = 3.3 V ± 165 mV.
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
SYSCLK frequency
fSYSCLK
33
—
133
MHz
1
SYSCLK cycle time
tSYSCLK
7.5
—
30.3
ns
—
SYSCLK rise and fall time
tKH, tKL
0.6
1.0
2.1
ns
2
SYSCLK duty cycle
tKHK/tSYSCLK
40
—
60
%
—
SYSCLK jitter
—
—
—
±150
ps
3, 4
Notes:
1. Caution: The CCB clock to SYSCLK ratio and e500 core to CCB clock ratio settings must be chosen such that the resulting
SYSCLK frequency, e500 (core) frequency, and CCB clock frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to Section 19.2, “CCB/SYSCLK PLL Ratio,” and Section 19.3, “e500 Core PLL Ratio,” for ratio
settings.
2. Rise and fall times for SYSCLK are measured at 0.6 and 2.7 V.
3. This represents the total input jitter—short- and long-term.
4. The SYSCLK driver’s closed loop jitter bandwidth should be <500 kHz at –20 dB. The bandwidth must be set low to allow
cascade-connected PLL-based devices to track SYSCLK drivers with the specified jitter.
Table 6. Spread Spectrum Clock Source Recommendations
At recommended operating conditions. See Table 2.
Parameter
Min
Max
Unit
Notes
Frequency modulation
20
60
kHz
—
Frequency spread
0
1.0
%
1
Note:
1. SYSCLK frequencies resulting from frequency spreading, and the resulting core and VCO frequencies, must meet the
minimum and maximum specifications given in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com