Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC8544VTALF Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
5
MPC8544E Overview
– General-purpose chip select machine (GPCM)
– Three user programmable machines (UPMs)
— Parity support
— Default boot ROM chip select with configurable bus width (8, 16, or 32 bits)
•
Two enhanced three-speed Ethernet controllers (eTSECs)
— Three-speed support (10/100/1000 Mbps)
— Two IEEE Std 802.3®, IEEE 802.3u, IEEE 802.3x, IEEE 802.3z, IEEE 802.3ac, and
IEEE 802.3ab-compliant controllers
— Support for various Ethernet physical interfaces:
– 1000 Mbps full-duplex IEEE 802.3 GMII, IEEE 802.3z TBI, RTBI, SGMII, and RGMII.
– 10/100 Mbps full- and half-duplex IEEE 802.3 MII, IEEE 802.3 RGMII, and RMII.
— Flexible configuration for multiple PHY interface configurations.
— TCP/IP acceleration and QoS features available
– IP v4 and IP v6 header recognition on receive
– IP v4 header checksum verification and generation
– TCP and UDP checksum verification and generation
– Per-packet configurable acceleration
– Recognition of VLAN, stacked (queue in queue) VLAN, 802.2, PPPoE session, MPLS
stacks, and ESP/AH IP-security headers
– Supported in all FIFO modes
— Quality of service support:
– Transmission from up to eight physical queues
– Reception to up to eight physical queues
— Full- and half-duplex Ethernet support (1000 Mbps supports only full duplex):
– IEEE 802.3 full-duplex flow control (automatic PAUSE frame generation or
software-programmed PAUSE frame generation and recognition)
— Programmable maximum frame length supports jumbo frames (up to 9.6 Kbytes) and
IEEE Std 802.1™ virtual local area network (VLAN) tags and priority
— VLAN insertion and deletion
– Per-frame VLAN control word or default VLAN for each eTSEC
– Extracted VLAN control word passed to software separately
— Retransmission following a collision
— CRC generation and verification of inbound/outbound frames
— Programmable Ethernet preamble insertion and extraction of up to 7 bytes
— MAC address recognition:
– Exact match on primary and virtual 48-bit unicast addresses
– VRRP and HSRP support for seamless router fail-over
– Up to 16 exact-match MAC addresses supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com