Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
69
High-Speed Serial Interfaces (HSSI)
•
Single-ended Mode
— The reference clock can also be single-ended. The SDn_REF_CLK input amplitude
(single-ended swing) must be between 400 and 800 mV peak-peak (from Vmin to Vmax) with
SDn_REF_CLK either left unconnected or tied to ground.
—The SDn_REF_CLK input average voltage must be between 200 and 400 mV. Figure 48 shows
the SerDes reference clock input requirement for single-ended signaling mode.
— To meet the input amplitude requirement, the reference clock inputs might need to be DC or
AC-coupled externally. For the best noise performance, the reference of the clock could be DC
or AC-coupled into the unused phase (SDn_REF_CLK) through the same source impedance as
the clock input (SDn_REF_CLK) in use.
Figure 46. Differential Reference Clock Input DC Requirements (External DC-Coupled)
Figure 47. Differential Reference Clock Input DC Requirements (External AC-Coupled)
Figure 48. Single-Ended Reference Clock Input DC Requirements
SD
n_REF_CLK
SD
n_REF_CLK
Vmax < 800 mV
Vmin > 0 V
100 mV < Vcm < 400 mV
200 mV < Input Amplitude or Differential Peak < 800 mV
SD
n_REF_CLK
SD
n_REF_CLK
Vcm
200 mV < Input Amplitude or Differential Peak < 800 mV
Vmax < Vcm + 400 mV
Vmin > Vcm - 400 mV
SD
n_REF_CLK
SD
n_REF_CLK
400 mV < SDn_REF_CLK Input Amplitude < 800 mV
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com