Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
40
Freescale Semiconductor
Enhanced Three-Speed Ethernet (eTSEC), MII Management
Figure 22 shows the RGMII and RTBI AC timing and multiplexing diagrams.
Figure 22. RGMII and RTBI AC Timing and Multiplexing Diagrams
Fall time (20%–80%)
tRGTF
—
—
0.75
ns
Notes:
1. In general, the clock reference symbol representation for this section is based on the symbols RGT to represent RGMII and
RTBI timing. For example, the subscript of tRGT represents the TBI (T) receive (RX) clock. Note also that the notation for rise
(R) and fall (F) times follows the clock symbol that is being represented. For symbols representing skews, the subscript is
skew (SK) followed by the clock that is being skewed (RGT).
2. This implies that PC board design will require clocks to be routed such that an additional trace delay of greater than 1.5 ns
will be added to the associated clock signal.
3. For 10 and 100 Mbps, tRGT scales to 400 ns ± 40 ns and 40 ns ± 4 ns, respectively.
4. Duty cycle may be stretched/shrunk during speed changes or while transitioning to a received packet's clock domains as
long as the minimum duty cycle is not violated and stretching occurs for no more than three tRGT of the lowest speed
transitioned between.
5. Guaranteed by design.
Table 37. RGMII and RTBI AC Timing Specifications (continued)
At recommended operating conditions with L/TVDD of 2.5 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
GTX_CLK
tRGT
tRGTH
tSKRGT_TX
TX_CTL
TXD[8:5]
TXD[7:4]
TXD[9]
TXERR
TXD[4]
TXEN
TXD[3:0]
(At Transmitter)
TXD[8:5][3:0]
TXD[7:4][3:0]
TX_CLK
(At PHY)
RX_CTL
RXD[8:5]
RXD[7:4]
RXD[9]
RXERR
RXD[4]
RXDV
RXD[3:0]
RX_CLK
(At PHY)
tSKRGT_RX
tSKRGT_RX
tSKRGT_TX
tRGTH
tRGT
GTX_CLK
(At Receiver)
RXD[8:5][3:0]
RXD[7:4][3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com