Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
81
PCI Express
17.5
Receiver Compliance Eye Diagrams
The RX eye diagram in Figure 57 is specified using the passive compliance/test measurement load (see
Figure 58) in place of any real PCI Express RX component.
In general, the minimum receiver eye diagram measured with the compliance/test measurement load (see
Figure 58) will be larger than the minimum receiver eye diagram measured over a range of systems at the
input receiver of any real PCI Express component. The degraded eye diagram at the input receiver is due
to traces internal to the package as well as silicon parasitic characteristics which cause the real PCI Express
component to vary in impedance from the compliance/test measurement load. The input receiver eye
diagram is implementation specific and is not specified. RX component designer should provide additional
margin to adequately compensate for the degraded minimum receiver eye diagram (shown in Figure 57)
expected at the input receiver based on some adequate combination of system simulations and the return
loss measured looking into the RX package and silicon. The RX eye diagram must be aligned in time using
the jitter median to locate the center of the eye diagram.
LTX-SKEW
Total skew
—
—
20
ns
Skew across all lanes on a link. This includes
variation in the length of SKP ordered set (for
example, COM and one to five symbols) at
the RX as well as any delay differences
arising from the interconnect itself.
Notes:
1. No test load is necessarily associated with this value.
2. Specified at the measurement point and measured over any 250 consecutive UIs. The test load in Figure 58 should be used
as the RX device when taking measurements (also refer to the receiver compliance eye diagram shown in Figure 57). If the
clocks to the RX and TX are not derived from the same reference clock, the TX UI recovered from 3500 consecutive UI must
be used as a reference for the eye diagram.
3. A TRX-EYE = 0.40 UI provides for a total sum of 0.60 UI deterministic and random jitter budget for the transmitter and
interconnect collected any 250 consecutive UIs. The TRX-EYE-MEDIAN-to-MAX-JITTER specification ensures a jitter
distribution in which the median and the maximum deviation from the median is less than half of the total. UI jitter budget
collected over any 250 consecutive TX UIs. It should be noted that the median is not the same as the mean. The jitter median
describes the point in time where the number of jitter points on either side is approximately equal as opposed to the averaged
time value. If the clocks to the RX and TX are not derived from the same reference clock, the TX UI recovered from 3500
consecutive UI must be used as the reference for the eye diagram.
4. The receiver input impedance shall result in a differential return loss greater than or equal to 15 dB with the D+ line biased to
300 mV and the D– line biased to –300 mV and a common mode return loss greater than or equal to 6 dB (no bias required)
over a frequency range of 50 MHz to 1.25 GHz. This input impedance requirement applies to all valid input levels. The
reference impedance for return loss measurements for is 50
Ω to ground for both the D+ and D– line (that is, as measured
by a vector network analyzer with 50-
Ω probes, see Figure 58). Note that the series capacitors CTX is optional for the return
loss measurement.
5. Impedance during all LTSSM states. When transitioning from a fundamental reset to detect (the initial state of the LTSSM)
there is a 5-ms transition time before receiver termination values must be met on all unconfigured lanes of a port.
6. The RX DC common mode impedance that exists when no power is present or fundamental reset is asserted. This helps
ensure that the receiver detect circuit will not falsely assume a receiver is powered on when it is not. This term must be
measured at 300 mV above the RX ground.
7. It is recommended that the recovered TX UI is calculated using all edges in the 3500 consecutive UI interval with a fit algorithm
using a minimization merit function. Least squares and median deviation fits have worked well with experimental and
simulated data.
Table 60. Differential Receiver (RX) Input Specifications (continued)
Symbol
Parameter
Min
Nom
Max
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com