Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
29
Enhanced Three-Speed Ethernet (eTSEC), MII Management
8.4.1
SGMII Transmit AC Timing Specifications
Table 26 provides the SGMII transmit AC timing targets. A source synchronous clock is not provided.
8.4.2
SGMII Receive AC Timing Specifications
Table 27 provides the SGMII receive AC timing specifications. Source synchronous clocking is not
supported. Clock is recovered from the data. Figure 9 shows the SGMII receiver input compliance mask
eye diagram.
Table 26. SGMII Transmit AC Timing Specifications
At recommended operating conditions with XVDD_SRDS2 = 1.0 V ± 5%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic jitter
JD
—
—
0.17
UI p-p
—
Total jitter
JT
—
—
0.35
UI p-p
—
Unit interval
UI
799.92
800
800.08
ps
2
VOD fall time (80%–20%)
tfall
50
—
120
ps
—
VOD rise time (20%–80%)
trise
50
—
120
ps
—
Notes;
1. Source synchronous clock is not supported.
2. Each UI value is 800 ps ± 100 ppm.
Table 27. SGMII Receiver AC Timing Specifications
At recommended operating conditions with XVDD_SRDS2 = 1.0 V ± 5%.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Deterministic jitter tolerance
JD
0.37
—
—
UI p-p
1
Combined deterministic and random jitter
tolerance
JDR
0.55
—
—
UI p-p
1
Sinusoidal jitter tolerance
Jsin
0.1
—
—
UI p-p
1
Total jitter tolerance
JT
0.65
—
—
UI p-p
1
Bit error ratio
BER
—
—
10-12
——
Unit interval
UI
799.92
800
800.08
ps
2
AC coupling capacitor
CTX
5—
200
nF
3
Notes:
1. Measured at receiver.
2. Each UI value is 800 ps ± 100 ppm.
3. The external AC coupling capacitor is required. It’s recommended to be placed near the device transmitter outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com