Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
48
Freescale Semiconductor
Local Bus
Table 47 describes the general timing parameters of the local bus interface at BVDD = 1.8 V DC.
Local bus clock to output high impedance for LAD/LDP
tLBKHOZ2
—2.6
ns
5
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus
timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case
for clock one (1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with respect
to the output (O) going invalid (X) or output hold time.
2. All timings are in reference to LSYNC_IN for PLL enabled and internal local bus clock for PLL bypass mode.
3. All signals are measured from BVDD/2 of the rising edge of LSYNC_IN for PLL enabled or internal local bus clock for PLL
bypass mode to 0.4
× BVDD of the signal in question for 2.5-V signaling levels.
4. Input timings are measured at the pin.
5. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
6. tLBOTOT is a measurement of the minimum time between the negation of LALE and any change in LAD. tLBOTOT is
programmed with the LBCR[AHD] parameter.
7. Maximum possible clock skew between a clock LCLK[m] and a relative clock LCLK[n]. Skew measured between
complementary signals at BVDD/2.
Table 47. Local Bus General Timing Parameters (BVDD = 1.8 V DC)
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
7.5
12
ns
2
Local bus duty cycle
tLBKH/tLBK
43
57
%
—
LCLK[n] skew to LCLK[m] or LSYNC_OUT
tLBKSKEW
—
150
ps
7
Input setup to local bus clock (except LUPWAIT)
tLBIVKH1
2.6
—
ns
3, 4
LUPWAIT input setup to local bus clock
tLBIVKH2
1.9
—
ns
3, 4
Input hold from local bus clock (except LUPWAIT)
tLBIXKH1
1.1
—
ns
3, 4
LUPWAIT input hold from local bus clock
tLBIXKH2
1.1
—
ns
3, 4
LALE output transition to LAD/LDP output transition
(LATCH setup and hold time)
tLBOTOT
1.2
—
ns
6
Local bus clock to output valid (except LAD/LDP and LALE)
tLBKHOV1
—3.2
ns
—
Local bus clock to data valid for LAD/LDP
tLBKHOV2
—3.2
ns
3
Local bus clock to address valid for LAD
tLBKHOV3
—3.2
ns
3
Local bus clock to LALE assertion
tLBKHOV4
—3.2
ns
3
Output hold from local bus clock (except LAD/LDP and
LALE)
tLBKHOX1
0.9
—
ns
3
Output hold from local bus clock for LAD/LDP
tLBKHOX2
0.9
—
ns
3
Local bus clock to output high Impedance (except
LAD/LDP and LALE)
tLBKHOZ1
—2.6
ns
5
Table 46. Local Bus General Timing Parameters (BVDD =2.5 V)—PLL Enabled (continued)
Parameter
Symbol1
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com