Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
46
Freescale Semiconductor
Local Bus
10.2
Local Bus AC Electrical Specifications
Table 45 describes the general timing parameters of the local bus interface at BVDD = 3.3 V. For
information about the frequency range of local bus see Section 19.1, “Clock Ranges.”
High-level output voltage
(BVDD = min, IOH = –2 mA)
VOH
1.35
—
V
—
Low-level output voltage
(BVDD = min, IOL = 2 mA)
VOL
—0.45
V
—
Table 45. Local Bus General Timing Parameters (BVDD =3.3 V)—PLL Enabled
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
7.5
12
ns
2
Local bus duty cycle
tLBKH/tLBK
43
57
%
—
LCLK[n] skew to LCLK[m] or LSYNC_OUT
tLBKSKEW
—
150
ps
7, 8
Input setup to local bus clock (except LUPWAIT)
tLBIVKH1
2.5
—
ns
3, 4
LUPWAIT input setup to local bus clock
tLBIVKH2
1.85
—
ns
3, 4
Input hold from local bus clock (except LUPWAIT)
tLBIXKH1
1.0
—
ns
3, 4
LUPWAIT input hold from local bus clock
tLBIXKH2
1.0
—
ns
3, 4
LALE output transition to LAD/LDP output transition
(LATCH setup and hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid (except LAD/LDP and LALE)
tLBKHOV1
—2.9
ns
—
Local bus clock to data valid for LAD/LDP
tLBKHOV2
—2.8
ns
—
Local bus clock to address valid for LAD
tLBKHOV3
—2.7
ns
3
Local bus clock to LALE assertion
tLBKHOV4
—2.7
ns
3
Output hold from local bus clock (except LAD/LDP and
LALE)
tLBKHOX1
0.7
—
ns
3
Output hold from local bus clock for LAD/LDP
tLBKHOX2
0.7
—
ns
3
Local bus clock to output high Impedance (except
LAD/LDP and LALE)
tLBKHOZ1
—2.5
ns
5
Table 44. Local Bus DC Electrical Characteristics (1.8 V DC) (continued)
Parameter
Symbol
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com