Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8544VTALF Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
2
Freescale Semiconductor
MPC8544E Overview
— Double-precision floating-point APU. Provides an instruction set for double-precision (64-bit)
floating-point instructions that use the 64-bit GPRs.
— 36-bit real addressing
— Embedded vector and scalar single-precision floating-point APUs. Provide an instruction set
for single-precision (32-bit) floating-point instructions.
— Memory management unit (MMU). Especially designed for embedded applications. Supports
4-Kbyte–4-Gbyte page sizes.
— Enhanced hardware and software debug support
— Performance monitor facility that is similar to, but separate from, the device performance
monitor
The e500 defines features that are not implemented on this device. It also generally defines some features
that this device implements more specifically. An understanding of these differences can be critical to
ensure proper operations.
•
256-Kbyte L2 cache/SRAM
— Flexible configuration
— Full ECC support on 64-bit boundary in both cache and SRAM modes
— Cache mode supports instruction caching, data caching, or both.
— External masters can force data to be allocated into the cache through programmed memory
ranges or special transaction types (stashing).
– 1, 2, or 4 ways can be configured for stashing only.
— Eight-way set-associative cache organization (32-byte cache lines)
— Supports locking entire cache or selected lines. Individual line locks are set and cleared through
Book E instructions or by externally mastered transactions.
— Global locking and flash clearing done through writes to L2 configuration registers
— Instruction and data locks can be flash cleared separately.
— SRAM features include the following:
– I/O devices access SRAM regions by marking transactions as snoopable (global).
– Regions can reside at any aligned location in the memory map.
– Byte-accessible ECC is protected using read-modify-write transaction accesses for
smaller-than-cache-line accesses.
•
Address translation and mapping unit (ATMU)
— Eight local access windows define mapping within local 36-bit address space.
— Inbound and outbound ATMUs map to larger external address spaces.
– Three inbound windows plus a configuration window on PCI and PCI Express
– Four outbound windows plus default translation for PCI and PCI Express
•
DDR/DDR2 memory controller
— Programmable timing supporting DDR and DDR2 SDRAM
— 64-bit data interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com