Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
15
Input Clocks
It is imperative to note that the processor’s minimum and maximum SYSCLK, core, and VCO frequencies
must not be exceeded regardless of the type of clock source. Therefore, systems in which the processor is
operated at its maximum rated e500 core frequency should avoid violating the stated limits by using
down-spreading only.
4.2
Real-Time Clock Timing
The RTC input is sampled by the platform clock (CCB clock). The output of the sampling latch is then
used as an input to the counters of the PIC and the TimeBase unit of the e500. There is no jitter
specification. The minimum pulse width of the RTC signal should be greater than 2 × the period of the
CCB clock. That is, minimum clock high time is 2
× tCCB, and minimum clock low time is 2 × tCCB. There
is no minimum RTC frequency; RTC may be grounded if not needed.
4.3
eTSEC Gigabit Reference Clock Timing
Table 7 provides the eTSEC gigabit reference clocks (EC_GTX_CLK125) AC timing specifications for
the MPC8544E.
4.4
Platform to FIFO Restrictions
Please note the following FIFO maximum speed restrictions based on platform speed.
For FIFO GMII mode:
FIFO TX/RX clock frequency
≤ platform clock frequency ÷ 4.2
For example, if the platform frequency is 533 MHz, the FIFO Tx/Rx clock frequency should be no more
than 127 MHz.
Table 7. EC_GTX_CLK125 AC Timing Specifications
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
EC_GTX_CLK125 frequency
fG125
—125
—
MHz
—
EC_GTX_CLK125 cycle time
tG125
—8
—
ns
—
EC_GTX_CLK rise and fall time
LVDD, TVDD = 2.5 V
LVDD, TVDD = 3.3 V
tG125R/tG125F
——
0.75
1.0
ns
1
EC_GTX_CLK125 duty cycle
GMII, TBI
1000Base-T for RGMII, RTBI
tG125H/tG125
45
47
—
55
53
%2
Notes:
1. Rise and fall times for EC_GTX_CLK125 are measured from 0.5 and 2.0 V for L/TVDD = 2.5 V, and from 0.6 and 2.7 V for
L/TVDD = 3.3 V.
2. EC_GTX_CLK125 is used to generate the GTX clock for the eTSEC transmitter with 2% degradation. EC_GTX_CLK125
duty cycle can be loosened from 47%/53% as long as the PHY device can tolerate the duty cycle generated by the eTSEC
GTX_CLK. See Section 8.7.4, “RGMII and RTBI AC Timing Specifications,” for duty cycle for 10Base-T and 100Base-T
reference clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com