Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
44
Freescale Semiconductor
Ethernet Management Interface Electrical Characteristics
Figure 26 shows the MII management AC timing diagram.
Figure 26. MII Management Interface Timing Diagram
MDC fall time
tMDHF
—
—
10
ns
—
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX symbolizes management
data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are invalid (X) or data hold time.
Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data input signals (D) reach the valid state
(V) relative to the tMDC clock reference (K) going to the high (H) state or setup time. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
2. This parameter is dependent on the platform clock frequency (MIIMCFG [MgmtClk] field determines the clock frequency of
the MgmtClk Clock EC_MDC).
3. This parameter is dependent on the platform clock frequency. The delay is equal to 16 platform clock periods ±3 ns. For
example, with a platform clock of 333 MHz, the min/max delay is 48 ns ± 3 ns. Similarly, if the platform clock is 400 MHz, the
min/max delay is 40 ns ± 3 ns).
4. tplb_clk is the platform (CCB) clock.
Table 41. MII Management AC Timing Specifications (continued)
At recommended operating conditions with OVDD is 3.3 V ± 5%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
MDC
tMDDXKH
tMDC
tMDCH
tMDCR
tMDCF
tMDDVKH
tMDKHDX
MDIO
MDIO
(Input)
(Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com