Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
95
Clocking
19 Clocking
This section describes the PLL configuration of the MPC8544E . Note that the platform clock is identical
to the core complex bus (CCB) clock.
19.1
Clock Ranges
Table 63 provides the clocking specifications for the processor cores and Table 64 provides the clocking
specifications for the memory bus.
19.2
CCB/SYSCLK PLL Ratio
The CCB clock is the clock that drives the e500 core complex bus (CCB), and is also called the platform
clock. The frequency of the CCB is set using the following reset signals (see Table 65):
•
SYSCLK input signal
•
Binary value on LA[28:31] at power up
Note that there is no default for this PLL ratio; these signals must be pulled to the desired values. Also note
that the DDR data rate is the determining factor in selecting the CCB bus frequency, since the CCB
frequency must equal the DDR data rate.
Table 63. Processor Core Clocking Specifications
Characteristic
Maximum Processor Core Frequency
Unit
Notes
667 MHz
800 MHz
1000 MHz
1067 MHz
Min
Max
Min
Max
Min
Max
Min
Max
e500 core processor frequency
667
667
667
800
667
1000
667
1067
MHz
1, 2
Notes:
1. Caution: The CCB to SYSCLK ratio and e500 core to CCB ratio settings must be chosen such that the resulting SYSCLK
frequency, e500 (core) frequency, and CCB frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to Section 19.2, “CCB/SYSCLK PLL Ratio,” and Section 19.3, “e500 Core PLL Ratio,” for ratio settings.
2. The minimum e500 core frequency is based on the minimum platform frequency of 333 MHz.
Table 64. Memory Bus Clocking Specifications
Characteristic
Maximum Processor Core
Frequency
Unit
Notes
667, 800, 1000, 1067 MHz
Min
Max
Memory bus clock speed
166
266
MHz
1, 2
Notes:
1. Caution: The CCB clock to SYSCLK ratio and e500 core to CCB clock ratio settings must be chosen such that the resulting
SYSCLK frequency, e500 (core) frequency, and CCB clock frequency do not exceed their respective maximum or minimum
operating frequencies. Refer to Section 19.2, “CCB/SYSCLK PLL Ratio,” and Section 19.3, “e500 Core PLL Ratio,” for ratio
settings.
2. The memory bus speed is half of the DDR/DDR2 data rate, hence, half of the platform clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com