Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
75
PCI Express
17 PCI Express
This section describes the DC and AC electrical specifications for the PCI Express bus of the MPC8544.
17.1
DC Requirements for PCI Express SD_REF_CLK and
SD_REF_CLK
For more information, see Section 16.2, “SerDes Reference Clocks.”
17.2
AC Requirements for PCI Express SerDes Clocks
Table 58 provides the AC requirements for the PCI Express SerDes clocks.
17.3
Clocking Dependencies
The ports on the two ends of a link must transmit data at a rate that is within 600 parts per million (ppm)
of each other at all times. This is specified to allow bit rate clock sources with a ±300 ppm tolerance.
17.4
Physical Layer Specifications
The following is a summary of the specifications for the physical layer of PCI Express on this device. For
further details as well as the specifications of the transport and data link layer please refer to the
PCI Express Base Specification. Rev. 1.0a.
Table 58. SD_REF_CLK and SD_REF_CLK AC Requirements
Symbol2
Parameter Description
Min
Typ
Max
Units
Notes
tREF
REFCLK cycle time
—
10
—
ns
1
tREFCJ
REFCLK cycle-to-cycle jitter. Difference in the period of any
two adjacent REFCLK cycles
——
100
ps
—
tREFPJ
Phase jitter. Deviation in edge location with respect to
mean edge location
–50
—
50
ps
—
Notes:
1. Typical based on
PCI Express Specification 2.0.
2. Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com