Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
82
Freescale Semiconductor
PCI Express
The eye diagram must be valid for any 250 consecutive UIs.
A recovered TX UI is calculated over 3500 consecutive unit intervals of sample data. The eye diagram is
created using all edges of the 250 consecutive UI in the center of the 3500 UI used for calculating the
TX UI.
NOTE
The reference impedance for return loss measurements is 50
Ω to ground for
both the D+ and D– line (that is, as measured by a vector network analyzer
with 50-
Ω probes, see Figure 57). Note that the series capacitors, CTX, are
optional for the return loss measurement.
Figure 57. Minimum Receiver Eye Timing and Voltage Compliance Specification
17.5.1
Compliance Test and Measurement Load
The AC timing and voltage parameters must be verified at the measurement point, as specified within
0.2 inches of the package pins, into a test/measurement load shown in Figure 58.
NOTE
The allowance of the measurement point to be within 0.2 inches of the
package pins is meant to acknowledge that package/board routing may
benefit from D+ and D– not being exactly matched in length at the package
pin boundary.
Figure 58. Compliance Test/Measurement Load
VRX-DIFF = 0 mV
(D+ D– Crossing Point)
VRX-DIFF = 0 mV
(D+ D– Crossing Point)
VRX-DIFFp-p-MIN > 175 mV
0.4 UI = TRX-EYE-MIN
TX
Silicon
+ Package
C = CTX
C = CTX
R = 50
Ω
R = 50
Ω
D+ Package
Pin
D– Package
Pin
D+ Package
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com