Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 115Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
112
Freescale Semiconductor
System Design Information
using only the TCK and TMS signals, generally systems will assert TRST during the power-on reset flow.
Simply tying TRST to HRESET is not practical because the JTAG interface is also used for accessing the
common on-chip processor (COP) function.
The COP function of these processors allow a remote computer system (typically, a PC with dedicated
hardware and debugging software) to access and control the internal operations of the processor. The COP
interface connects primarily through the JTAG port of the processor, with some additional status
monitoring signals. The COP port requires the ability to independently assert HRESET or TRST in order
to fully control the processor. If the target system has independent reset sources, such as voltage monitors,
watchdog timers, power supply failures, or push-button switches, then the COP reset signals must be
merged into these signals with logic. The arrangement shown in Figure 69 allows the COP port to
independently assert HRESET or TRST, while ensuring that the target can drive HRESET as well.
The COP interface has a standard header, shown in Figure 68, for connection to the target system, and is
based on the 0.025" square-post, 0.100" centered header assembly (often called a Berg header). The
connector typically has pin 14 removed as a connector key.
The COP header adds many benefits such as breakpoints, watchpoints, register and memory
examination/modification, and other standard debugger features. An inexpensive option can be to leave
the COP header unpopulated until needed.
There is no standardized way to number the COP header; consequently, many different pin numbers have
been observed from emulator vendors. Some are numbered top-to-bottom then left-to-right, while others
use left-to-right then top-to-bottom, while still others number the pins counter clockwise from pin 1 (as
with an IC). Regardless of the numbering, the signal placement recommended in Figure 68 is common to
all known emulators.
21.9.1
Termination of Unused Signals
If the JTAG interface and COP header will not be used, Freescale recommends the following connections:
•TRST should be tied to HRESET through a 0-k
Ω isolation resistor so that it is asserted when the
system reset signal (HRESET) is asserted, ensuring that the JTAG scan chain is initialized during
the power-on reset flow. Freescale recommends that the COP header be designed into the system
as shown in Figure 69. If this is not possible, the isolation resistor will allow future access to TRST
in case a JTAG interface may need to be wired onto the system in future debug situations.
•
No pull-up/pull-down is required for TDI, TMS, or TDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com