Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8544VTALF Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MPC8544VTALF
Description  PowerQUICC??III Integrated Processor Hardware Specifications
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8544VTALF Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MPC8544VTALF Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 108Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 109Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 110Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 111Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 112Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 113Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 114Page - Freescale Semiconductor, Inc MPC8544VTALF Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 120 page
background image
MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 3
Freescale Semiconductor
111
System Design Information
Table 73 summarizes the signal impedance targets. The driver impedances are targeted at minimum VDD,
nominal OVDD, 90°C.
21.8
Configuration Pin Muxing
The MPC8544E provides the user with power-on configuration options which can be set through the use
of external pull-up or pull-down resistors of 4.7 k
Ω on certain output pins (see customer visible
configuration pins). These pins are generally used as output only pins in normal operation.
While HRESET is asserted however, these pins are treated as inputs. The value presented on these pins
while HRESET is asserted, is latched when HRESET deasserts, at which time the input receiver is disabled
and the I/O circuit takes on its normal function. Most of these sampled configuration pins are equipped
with an on-chip gated resistor of approximately 20 k
Ω. This value should permit the 4.7-kΩ resistor to pull
the configuration pin to a valid logic low level. The pull-up resistor is enabled only during HRESET (and
for platform /system clocks after HRESET deassertion to ensure capture of the reset value). When the input
receiver is disabled the pull-up is also, thus allowing functional operation of the pin as an output with
minimal signal quality or delay disruption. The default value for all configuration bits treated this way has
been encoded such that a high voltage level puts the device into the default state and external resistors are
needed only when non-default settings are required by the user.
Careful board layout with stubless connections to these pull-down resistors coupled with the large value
of the pull-down resistor should minimize the disruption of signal quality or speed for output pins thus
configured.
The platform PLL ratio and e500 PLL ratio configuration pins are not equipped with these default pull-up
devices.
21.9
JTAG Configuration Signals
Correct operation of the JTAG interface requires configuration of a group of system control pins as
demonstrated in Figure 69. Care must be taken to ensure that these pins are maintained at a valid deasserted
state under normal operating conditions as most have asynchronous behavior and spurious assertion will
give unpredictable results.
Boundary-scan testing is enabled through the JTAG interface signals. The TRST signal is optional in the
IEEE 1149.1 specification, but is provided on all processors built on Power Architecture™ technology.
The device requires TRST to be asserted during reset conditions to ensure the JTAG boundary logic does
not interfere with normal chip operation. While it is possible to force the TAP controller to the reset state
Table 73. Impedance Characteristics
Impedance
Local Bus, Ethernet,
DUART, Control,
Configuration, Power
Management
PCI
DDR DRAM
Symbol
Unit
RN
43 Target
25 Target
20 Target
Z0
W
RP
43 Target
25 Target
20 Target
Z0
W
Note: Nominal supply voltages. See Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com