Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 283Page - Renesas Technology Corp R8C/29 Datasheet HTML 284Page - Renesas Technology Corp R8C/29 Datasheet HTML 285Page - Renesas Technology Corp R8C/29 Datasheet HTML 286Page - Renesas Technology Corp R8C/29 Datasheet HTML 287Page - Renesas Technology Corp R8C/29 Datasheet HTML 288Page - Renesas Technology Corp R8C/29 Datasheet HTML 289Page - Renesas Technology Corp R8C/29 Datasheet HTML 290Page - Renesas Technology Corp R8C/29 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 270 of 441
REJ09B0279-0210
16.2.5.4
Data Transmission/Reception
Data transmission/reception is an operation combining data transmission and reception which were described
earlier. Transmission/reception is started by writing data to the SSTDR register.
When the 8th clock rises or the ORER bit is set to 1 (overrun error) while the TDRE bit is set to 1 (data is
transferred from registers SSTDR to SSTRSR), the transmit/receive operation is stopped.
When switching from transmit mode (TE = 1) or receive mode (RE = 1) to transmit/receive mode (Te = RE =
1), set the TE bit to 0 and RE bit to 0 before switching. After confirming that the TEND bit is set to 0 (the
TDRE bit is set to 0 when the last bit of the transmit data is transmitted), the RDRF bit is set to 0 (no data in the
SSRDR register), and the ORER bit is set to 0 (no overrun error), set bits TE and RE to 1.
Figure 16.17 shows a Sample Flowchart of Data Transmission/Reception (Clock Synchronous Communication
Mode).
When exiting transmit/receive mode after this mode is used (TE = RE = 1), a clock may be output if
transmit/receive mode is exited after reading the SSRDR register. To avoid any clock outputs, perform either of
the following:
- First set the RE bit to 0, and then set the TE bit to 0.
- Set bits TE and RE at the same time.
When subsequently switching to receive mode (TE = 0 and RE = 1), first set the SRES bit to 1, and set this bit
to 0 to reset the clock synchronous serial interface control unit and the SSTRSR register. Then, set the RE bit to
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com