Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 77Page - Renesas Technology Corp R8C/29 Datasheet HTML 78Page - Renesas Technology Corp R8C/29 Datasheet HTML 79Page - Renesas Technology Corp R8C/29 Datasheet HTML 80Page - Renesas Technology Corp R8C/29 Datasheet HTML 81Page - Renesas Technology Corp R8C/29 Datasheet HTML 82Page - Renesas Technology Corp R8C/29 Datasheet HTML 83Page - Renesas Technology Corp R8C/29 Datasheet HTML 84Page - Renesas Technology Corp R8C/29 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 471 page
background image
R8C/28 Group, R8C/29 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 64 of 441
REJ09B0279-0210
X: 0 or 1
NOTES:
1. Pulled up by setting the PU06 bit in the PUR0 register to 1.
2. Set the SSISEL bit in the PMR register to 0 (P3_3).
3. When the SOOS bit is set to 1 (N-channel open drain output) and BIDE bit is set to 0 (standard mode) in the SSMR2 register,
this pin is set to N-channel open drain output.
X: 0 or 1
NOTES:
1. Pulled up by setting the PU07 bit in the PUR0 register to 1.
2. N-channel open drain output by setting the CSOS bit in the SSMR2 register to 1 (N-channel open drain output).
X: 0 or 1
Table 7.15
Port P3_3/INT3/SSI/TRCCLK
Register
PD3
PMR
Clock Synchronous Serial I/O with Chip
Select (Refer to Table 16.4
Association between
Communication Modes and I/O Pins.)
TRCCR1
INTEN
Function(3)
Bit
PD3_3
IICSEL
SSI output control
SSI input control
TCK2
TCK1
TCK0
INT3EN
Setting
Value
0
X
0
0
Other than 101b
0
Input port(1)
1
X
0
0
Other than 101b
0
Output port
0
X
0
0
Other than 101b
1
INT3 input(1)
0
X
0
0
101
0
TRCCLK input(1)
X
0
1
0
Other than 101b
0
SSI output(2)
X
0
0
1
Other than 101b
0
SSI input(2)
Table 7.16
Port P3_4/SDA/SCS/TRCIOC
Register
PD3
PMR
ICCR1
SSMR2
Timer RC setting
Function(2)
Bit
PD3_4
IICSEL
ICE
CSS1
CSS0
−
Setting
Value
0
0
X
0
0
Other than TRCIOC usage conditions
Input port(1)
1
0
0
0
Other than TRCIOC usage conditions
1
0
X
0
0
Other than TRCIOC usage conditions
Output port
1
0
0
0
Other than TRCIOC usage conditions
X
X
0
0
0
Refer to Table 7.17 TRCIOC Pin Setting TRCIOC output
0
X
0
0
0
Refer to Table 7.17 TRCIOC Pin Setting TRCIOC input(1)
X
0
X
1
0
Other than TRCIOC usage conditions
SCS output
X
0
X
1
1
Other than TRCIOC usage conditions
SCS input(1)
X
1
1
X
X
Other than TRCIOC usage conditions
SDA input/output
Table 7.17
TRCIOC Pin Setting
Register
PINSR3
TRCOER
TRCMR
TRCIOR1
Function
Bit
TRCIOCSEL
EC
PWM2
PWMC
IOC2
IOC1
IOC0
Setting
Value
1
0
1
1
X
X
X
PWM mode waveform output
1
01
0
00
1
Timer waveform output (output compare
function)
10
1
X
10
1
0
1
X
X
Timer mode (input capture function)
11
Other than above
Other than TRCIOC usage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com