Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 42Page - Renesas Technology Corp R8C/29 Datasheet HTML 43Page - Renesas Technology Corp R8C/29 Datasheet HTML 44Page - Renesas Technology Corp R8C/29 Datasheet HTML 45Page - Renesas Technology Corp R8C/29 Datasheet HTML 46Page - Renesas Technology Corp R8C/29 Datasheet HTML 47Page - Renesas Technology Corp R8C/29 Datasheet HTML 48Page - Renesas Technology Corp R8C/29 Datasheet HTML 49Page - Renesas Technology Corp R8C/29 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 471 page
background image
R8C/28 Group, R8C/29 Group
5. Resets
Rev.2.10
Sep 26, 2008
Page 29 of 441
REJ09B0279-0210
Figure 5.9
Example of Power-On Reset Circuit and Operation (J, K version)
RESET
VCC
4.7 k
Ω
(reference)
NOTES:
1. When using the voltage monitor 1 digital filter, ensure VCC is 2.0 V or higher during the sampling time.
2. The sampling clock can be selected. Refer to 6. Voltage Detection Circuit for details.
3. Vdet1 indicates the voltage detection level of the voltage detection 1 circuit. Refer to 6. Voltage Detection
Circuit for details.
4. Refer to 20. Electrical Characteristics.
5. To use the power-on reset function, enable voltage monitor 1 reset by setting the LVD1ON bit in the OFS
register to 0, the VW1C0 and VW1C6 bits in the VW1C register to 1 respectively, and the VCA26 bit in the
VCA2 register to 1.
Vdet1(3)
Vpor1
Internal reset
signal
(“L” valid)
tw(por1)
Sampling time(1, 2)
Vdet1(3)
Vpor2
× 32
1
fOCO-S
× 32
1
fOCO-S
2.0 V
trth
trth
External
power VCC
td(Vdet1-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com