Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 75Page - Renesas Technology Corp R8C/29 Datasheet HTML 76Page - Renesas Technology Corp R8C/29 Datasheet HTML 77Page - Renesas Technology Corp R8C/29 Datasheet HTML 78Page - Renesas Technology Corp R8C/29 Datasheet HTML 79Page - Renesas Technology Corp R8C/29 Datasheet HTML 80Page - Renesas Technology Corp R8C/29 Datasheet HTML 81Page - Renesas Technology Corp R8C/29 Datasheet HTML 82Page - Renesas Technology Corp R8C/29 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 471 page
background image
R8C/28 Group, R8C/29 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 62 of 441
REJ09B0279-0210
X: 0 or 1
X: 0 or 1
NOTE:
1. Pulled up by setting the PU02 bit in the PUR0 register to 1.
NOTE:
1. Set the TOCNT bit in the TRBIOC register to 0 in modes except for programmable waveform generation mode.
X: 0 or 1
NOTES:
1. Pulled up by setting the PU03 bit in the PUR0 register to 1.
2. N-channel open drain output by setting the NCH bit in the U0C0 register to 1.
Table 7.8
TRCIOB Pin Setting
Register
TRCOER
TRCMR
TRCIOR0
Function
Bit
EB
PWM2
PWMB
IOB2
IOB1
IOB0
Setting
Value
0
0
XXXX
PWM2 mode waveform output
0
1
1
X
X
X
PWM mode waveform output
010
001
Timer waveform output (output compare
function)
01
X
0
1
0
1
X
X
Timer mode (input capture function)
1
Other than above
Other than TRCIOB usage conditions
Table 7.9
Port P1_3/KI3/AN11/TRBO
Register
PD1
KIEN
Timer RB Setting
ADCON0
Function
Bit
PD1_3
KI3EN
−
CH2
CH1
CH0
ADGSEL0
Setting
Value
0
0
Other than TRBO usage conditions
X
X
X
X
Input port(1)
1
0
Other than TRBO usage conditions
X
X
X
X
Output port
0
0
Other than TRBO usage conditions
1
1
1
1
A/D converter input (AN11)
0
1
Other than TRBO usage conditions
X
X
X
X
KI3 input
X0
Refer to Table 7.10 TRBO Pin
Setting
X
X
X
X
TRBO output
Table 7.10
TRBO Pin Setting
Register
PINSR2
TRBIOC
TRBMR
Function
Bit
TRBOSEL
TOCNT(1)
TMOD1
TMOD0
Setting
Value
1
0
0
1
Programmable waveform generation mode
1
0
1
0
Programmable one-shot generation mode
1
0
1
1
Programmable wait one-shot generation mode
11
01
P1_3 output port
Other than above
Other than TRBO usage conditions
Table 7.11
Port P1_4/TXD0
Register
PD1
U0MR
Function
Bit
PD1_4
SMD2
SMD1
SMD0
Setting
Value
0000
Input port(1)
1000
Output port
X
001
TXD0 output(2)
100
101
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com