Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 76Page - Renesas Technology Corp R8C/29 Datasheet HTML 77Page - Renesas Technology Corp R8C/29 Datasheet HTML 78Page - Renesas Technology Corp R8C/29 Datasheet HTML 79Page - Renesas Technology Corp R8C/29 Datasheet HTML 80Page - Renesas Technology Corp R8C/29 Datasheet HTML 81Page - Renesas Technology Corp R8C/29 Datasheet HTML 82Page - Renesas Technology Corp R8C/29 Datasheet HTML 83Page - Renesas Technology Corp R8C/29 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 471 page
background image
R8C/28 Group, R8C/29 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 63 of 441
REJ09B0279-0210
X: 0 or 1
NOTES:
1. Pulled up by setting the PU03 bit in the PUR0 register to 1.
2. Set bit 0 (reserved bit) in the PMR register to 0.
3. Set the TOPCR bit in the TRAIOC register to 0 in modes except for pulse output mode.
X: 0 or 1
NOTES:
1. Pulled up by setting the PU03 bit in the PUR0 register to 1.
2. Set the SSISEL bit in the PMR register to 1 (P1_6).
3. When the SOOS bit is set to 1 (N-channel open drain output) and BIDE bit is set to 0 (standard mode) in the SSMR2 register,
this pin is set to N-channel open drain output.
X: 0 or 1
NOTES:
1. Pulled up by setting the PU03 bit in the PUR0 register to 1.
2. Set bit 0 (reserved bit) in the PMR register to 0.
3. Set the TOPCR bit in the TRAIOC register to 0 in modes except for pulse output mode.
Table 7.12
Port P1_5/RXD0/(TRAIO)/(INT1)
Register
PD1
TRAIOC
TRAMR
INTEN
Function
Bit
PD1_5
TIOSEL
TOPCR(3)
TMOD2
TMOD1
TMOD0
INT1EN
Setting
Value
0
0
X
X
XXX
Input port(1)
1
10010
1
00000
1
0
X
X
XXX
Output port
1
0000
X
0
0
X
X
XXX
RXD0 input(1)
1
0
Other than 001b
0
1
0
Other than 000b, 001b
0
TRAIO input(1)
1
00001
INT1(2)
1
10011
1
0
Other than 000b, 001b
1
TRAIO input/INT1(1, 2)
X
1
0001
X
TRAIO pulse output
Table 7.13
Port P1_6/CLK0/(SSI)
Register
PD1
U0MR
PMR
Clock Synchronous Serial I/O with Chip
Select (Refer to Table 16.4
Association between
Communication Modes and I/O Pins.)
Function(3)
Bit
PD1_6
CKDIR
SMD2
SMD1
SMD0
IICSEL
SSI output control
SSI input control
Setting
Value
0X
X
X
X
X
0
0
Input port(1)
1
X
Other than 001b
X
0
0
Output port
X
0
0
0
1
X
0
0
CLK0 output
01
X
X
X
X
0
0
CLK0 input(1)
XX
XX
X
0
1
0
SSI output(2)
XX
XX
X
0
0
1
SSI input(1, 2)
Table 7.14
Port P1_7/TRAIO/INT1
Register
PD1
TRAIOC
TRAMR
INTEN
Function
Bit
PD1_7
TIOSEL
TOPCR(3)
TMOD2
TMOD1
TMOD0
INT1EN
Setting
Value
0
1
X
XX
XX
Input port(1)
010
0
1
0
000
0
0
0
1
1
X
XX
XX
Output port
000
0
0
X
0
0
0
Other than 000b, 001b
0
TRAIO input(1)
000
0
0
1
INT1(2)
010
0
1
1
0
0
Other than 000b, 001b
1
TRAIO input/INT1(1, 2)
X
0
0
0
0
1
X
TRAIO pulse output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com