Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 52Page - Renesas Technology Corp R8C/29 Datasheet HTML 53Page - Renesas Technology Corp R8C/29 Datasheet HTML 54Page - Renesas Technology Corp R8C/29 Datasheet HTML 55Page - Renesas Technology Corp R8C/29 Datasheet HTML 56Page - Renesas Technology Corp R8C/29 Datasheet HTML 57Page - Renesas Technology Corp R8C/29 Datasheet HTML 58Page - Renesas Technology Corp R8C/29 Datasheet HTML 59Page - Renesas Technology Corp R8C/29 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 471 page
background image
R8C/28 Group, R8C/29 Group
6. Voltage Detection Circuit
Rev.2.10
Sep 26, 2008
Page 39 of 441
REJ09B0279-0210
Figure 6.9
VW0C Register (For N, D Version Only)
Voltage Monitor 0 Circuit Control Register
(1)
Symbol
Address
VW0C
0038h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
The LVD0ON bit in the OFS register is
set to 1 and hardw are reset
: 0000X000b
Pow er-on reset, voltage monitor 0 reset
or LVD0ON bit in the OFS register is set
to 0, and hardw are reset
: 0100X001b
After Reset(2)
Set the PRC3 bit in the PRCR register to 1 (w rite enable) before w riting to the VW0C register.
The value remains unchanged after a softw are reset, w atchdog timer reset, voltage monitor 1 reset, and voltage
monitor 2 reset.
VW0C6
Voltage monitor 0 circuit
mode select bit
When the VW0C0 bit is set to 1 (voltage monitor 0
reset enabled), set to 1.
RW
—
(b3)
Reserved bit
The VW0C0 bit is enabled w hen the VCA25 bit in the VCA2 register is set to 1 (voltage detection 0 circuit
enabled). Set the VW0C0 bit to 0 (disable), w hen the VCA25 bit is set to 0 (voltage detection 0 circuit disabled).
VW0C7
Voltage monitor 0 reset
generation condition select
bit(4)
When the VW0C1 bit is set to 1 (digital filter
disabled mode), set to 1.
RW
VW0F1
RW
Sampling clock select bits
b5 b4
0 0 : fOCO-S divided by 1
0 1 : fOCO-S divided by 2
1 0 : fOCO-S divided by 4
1 1 : fOCO-S divided by 8
VW0F0
RW
When read, the content is undefined.
RO
0 : Digital filter enabled mode
(digital filter circuit enabled)
1 : Digital filter disabled mode
(digital filter circuit disabled)
RW
VW0C2
Reserved bit
VW0C1
Voltage monitor 0 digital filter
disable mode select bit
VW0C0
RW
Voltage monitor 0 reset
enable bit(3)
0 : Disable
1 : Enable
0
b7 b6 b5 b4
The VW0C7 bit is enabled w hen the VW0C1 bit set to 1 (digital filter disabled mode).
b3 b2
Set to 0.
RW
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com