Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 19Page - Renesas Technology Corp R8C/29 Datasheet HTML 20Page - Renesas Technology Corp R8C/29 Datasheet HTML 21Page - Renesas Technology Corp R8C/29 Datasheet HTML 22Page - Renesas Technology Corp R8C/29 Datasheet HTML 23Page - Renesas Technology Corp R8C/29 Datasheet HTML 24Page - Renesas Technology Corp R8C/29 Datasheet HTML 25Page - Renesas Technology Corp R8C/29 Datasheet HTML 26Page - Renesas Technology Corp R8C/29 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 471 page
background image
R8C/28 Group, R8C/29 Group
1. Overview
Rev.2.10
Sep 26, 2008
Page 6 of 441
REJ09B0279-0210
NOTE:
1. The user ROM is programmed before shipment.
Figure 1.3
Type Number, Memory Size, and Package of R8C/29 Group
Table 1.4
Product Information for R8C/29 Group
Current of Sep. 2008
Type No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program
ROM
Data flash
R5F21292SNSP
8 Kbytes
1 Kbyte × 2 512 bytes PLSP0020JB-A N version
R5F21294SNSP
16 Kbytes
1 Kbyte × 2 1 Kbyte
PLSP0020JB-A
R5F21292SDSP
8 Kbytes
1 Kbyte × 2 512 bytes PLSP0020JB-A D version
R5F21294SDSP
16 Kbytes
1 Kbyte × 2 1 Kbyte
PLSP0020JB-A
R5F21294JSP
16 Kbytes
1 Kbyte × 2 1 Kbyte
PLSP0020JB-A J version
R5F21296JSP
32 Kbytes
1 Kbyte × 2 1.5 Kbyte PLSP0020JB-A
R5F21294KSP
16 Kbytes
1 Kbyte × 2 1 Kbyte
PLSP0020JB-A K version
R5F21296KSP
32 Kbytes
1 Kbyte × 2 1.5 Kbyte PLSP0020JB-A
R5F21292SNXXXSP
8 Kbytes
1 Kbyte × 2 512 bytes PLSP0020JB-A N version
Factory
programming
product(1)
R5F21294SNXXXSP
16 Kbytes
1 Kbyte × 2 1 Kbyte
PLSP0020JB-A
R5F21292SDXXXSP
8 Kbytes
1 Kbyte × 2 512 bytes PLSP0020JB-A D version
R5F21294SDXXXSP
16 Kbytes
1 Kbyte × 2 1 Kbyte
PLSP0020JB-A
R5F21294JXXXSP
16 Kbytes
1 Kbyte × 2 1 Kbyte
PLSP0020JB-A J version
R5F21296JXXXSP
32 Kbytes
1 Kbyte × 2 1.5 Kbyte PLSP0020JB-A
R5F21294KXXXSP
16 Kbytes
1 Kbyte × 2 1 Kbyte
PLSP0020JB-A K version
R5F21296KXXXSP
32 Kbytes
1 Kbyte × 2 1.5 Kbyte PLSP0020JB-A
Type No.
R 5 F 21 29 4 S N XXX SP
Package type:
SP: PLSP0020JB-A
ROM number
Classification
N: Operating ambient temperature -20 to 85°C (N version)
D: Operating ambient temperature -40 to 85°C (D version)
J: Operating ambient temperature -40 to 85°C (J version)
K: Operating ambient temperature -40 to 125°C (K version)
S: Low-voltage version (other no symbols)
ROM capacity
2: 8 KB
4: 16 KB
6: 32 KB
R8C/29 Group
R8C/2x Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com