Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 74Page - Renesas Technology Corp R8C/29 Datasheet HTML 75Page - Renesas Technology Corp R8C/29 Datasheet HTML 76Page - Renesas Technology Corp R8C/29 Datasheet HTML 77Page - Renesas Technology Corp R8C/29 Datasheet HTML 78Page - Renesas Technology Corp R8C/29 Datasheet HTML 79Page - Renesas Technology Corp R8C/29 Datasheet HTML 80Page - Renesas Technology Corp R8C/29 Datasheet HTML 81Page - Renesas Technology Corp R8C/29 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 471 page
background image
R8C/28 Group, R8C/29 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 61 of 441
REJ09B0279-0210
7.4
Port Settings
Tables 7.4 to 7.25 list the port settings.
X: 0 or 1
NOTE:
1. Pulled up by setting the PU02 bit in the PUR0 register to 1.
X: 0 or 1
NOTE:
1. Pulled up by setting the PU02 bit in the PUR0 register to 1.
X: 0 or 1
X: 0 or 1
NOTE:
1. Pulled up by setting the PU02 bit in the PUR0 register to 1.
Table 7.4
Port P1_0/KI0/AN8
Register
PD1
KIEN
ADCON0
Function
Bit
PD1_0
KI0EN
CH2
CH1
CH0
ADGSEL0
Setting
Value
00
X
X
X
X
Input port(1)
1
0
X
X
X
X
Output port
01
X
X
X
X
KI0 input(1)
0
0
1
0
0
1
A/D converter input (AN8)
Table 7.5
Port P1_1/KI1/AN9/TRCIOA/TRCTRG
Register
PD1
KIEN
Timer RC Setting
ADCON0
Function
Bit
PD1_1 KI1EN
−
CH2
CH1
CH0
ADGSEL0
Setting
Value
0
0
Other than TRCIOA usage conditions
X
X
X
X
Input port(1)
1
0
Other than TRCIOA usage conditions
X
X
X
X
Output port
0
0
Other than TRCIOA usage conditions
1
0
1
1
A/D converter input (AN9)
0
1
Other than TRCIOA usage conditions
X
X
X
X
KI1 input(1)
X0
Refer to Table 7.6 TRCIOA Pin
Setting
XX
X
X
TRCIOA output
00
Refer to Table 7.6 TRCIOA Pin
Setting
XX
X
X
TRCIOA input(1)
Table 7.6
TRCIOA Pin Setting
Register
TRCOER
TRCMR
TRCIOR0
TRCCR2
Function
Bit
EA
PWM2
IOA2
IOA1
IOA0
TCEG1
TCEG0
Setting
Value
01
00
1
X
X
Timer waveform output
(output compare function)
01
X
X
X
0
11
X
X
XX
Timer mode (input capture function)
1X
X
1
0
XXX
01
PWM2 mode TRCTRG input
1X
Other than above
Other than TRCIOA usage conditions
Table 7.7
Port P1_2/KI2/AN10/TRCIOB
Register
PD1
KIEN
Timer RC Setting
ADCON0
Function
Bit
PD1_2
KI2EN
−
CH2
CH1
CH0
ADGSEL0
Setting
Value
0
0
Other than TRCIOB usage conditions
X
X
X
X
Input port(1)
1
0
Other than TRCIOB usage conditions
X
X
X
X
Output port
0
0
Other than TRCIOB usage conditions
1
1
0
1
A/D converter input (AN10)
0
1
Other than TRCIOB usage conditions
X
X
X
X
KI2 input(1)
X0
Refer to Table 7.8 TRCIOB Pin
Setting
XX
X
X
TRCIOB output
00
Refer to Table 7.8 TRCIOB Pin
Setting
XX
X
X
TRCIOB input(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com