| Electronic Components Datasheet Search |
|
R8C/29 Datasheet(PDF) 98 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/29 Datasheet(HTML) 98 Page - Renesas Technology Corp |
|
98 / 471 page ![]() R8C/28 Group, R8C/29 Group 10. Clock Generation Circuit Rev.2.10 Sep 26, 2008 Page 81 of 441 REJ09B0279-0210 Figure 10.10 Procedure for Enabling Reduced Internal Power Consumption Using VCA20 bit NOTES: 1. Execute this handling to all interrupt handlings generated around the WAIT instruction. If it is not necessary to start the high-speed clock or the high-speed on-chip oscillator in the interrupt handling, it does not need to be started. 2. Do not set the VCA20 bit to 0 with the instruction immediately after setting the VCA20 bit to 1. Also, do not do the opposite. 3. When the VCA20 bit is set to 1, do not set the CM10 bit to 1 (stop mode). 4. When entering wait mode, follow 10.7.2 Wait Mode. VCA20: Bit in VCA2 register Handling procedure of internal power low consumption enabled by VCA20 bit Enter low-speed clock mode or low-speed on- chip oscillator mode Stop XIN clock and high-speed on-chip oscillator clock VCA20 ← 1 (internal power low consumption enabled)(2, 3) Enter wait mode(4) VCA20 ← 0 (internal power low consumption disabled)(2) Start XIN clock or high-speed on-chip oscillator clock (Wait until XIN clock oscillation stabilizes) Enter high-speed clock mode or high-speed on-chip oscillator mode In interrupt handling routine VCA20 ← 0 (internal power low consumption disabled)(2) Start XIN clock or high-speed on-chip oscillator clock Enter mode other than low-speed clock mode or low-speed on-chip oscillator mode Enter low-speed clock mode or low-speed on-chip oscillator mode Exit wait mode by interrupt Interrupt handling Stop XIN clock and high-speed on-chip oscillator clock VCA20 ← 1 (internal power low consumption enabled)(2, 3) Interrupt handling completed Step (1) Step (2) Step (3) Step (4) Step (5) Step (6) Step (7) Step (8) Step (5) Step (6) Step (7) Step (8) (Wait until XIN clock oscillation stabilizes) Step (1) Step (2) Step (3) If it is necessary to start the high-speed clock or the high-speed on-chip oscillator in the interrupt handling routine, execute steps (5) to (7) in the interrupt routine. If the high-speed clock or high-speed on-chip oscillator is started in the interrupt handling routine, execute steps (1) to (3) at the last of the interrupt routine. (Note 1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |