Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 12Page - Renesas Technology Corp R8C/29 Datasheet HTML 13Page - Renesas Technology Corp R8C/29 Datasheet HTML 14Page - Renesas Technology Corp R8C/29 Datasheet HTML 15Page - Renesas Technology Corp R8C/29 Datasheet HTML 16Page - Renesas Technology Corp R8C/29 Datasheet HTML 17Page - Renesas Technology Corp R8C/29 Datasheet HTML 18Page - Renesas Technology Corp R8C/29 Datasheet HTML 19Page - Renesas Technology Corp R8C/29 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 471 page
background image
B - 3
NOTE:
1. The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0100h
Timer RA Control Register
TRACR
137
0101h
Timer RA I/O Control Register
TRAIOC
137, 139, 142,
144, 146, 149
0102h
Timer RA Mode Register
TRAMR
138
0103h
Timer RA Prescaler Register
TRAPRE
138
0104h
Timer RA Register
TRA
138
0105h
0106h
LIN Control Register
LINCR
315
0107h
LIN Status Register
LINST
316
0108h
Timer RB Control Register
TRBCR
153
0109h
Timer RB One-Shot Control Register
TRBOCR
153
010Ah
Timer RB I/O Control Register
TRBIOC
154, 156, 160,
163, 167
010Bh
Timer RB Mode Register
TRBMR
154
010Ch
Timer RB Prescaler Register
TRBPRE
155
010Dh
Timer RB Secondary Register
TRBSC
155
010Eh
Timer RB Primary Register
TRBPR
155
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Second Data Register / Counter
Data Register
TRESEC
218, 225
0119h
Timer RE Minute Data Register / Compare
Data Register
TREMIN
218, 225
011Ah
Timer RE Hour Data Register
TREHR
219
011Bh
Timer RE Day of Week Data Register
TREWK
219
011Ch
Timer RE Control Register 1
TRECR1
220, 226
011Dh
Timer RE Control Register 2
TRECR2
221, 226
011Eh
Timer RE Count Source Select Register
TRECSR
222, 227
011Fh
0120h
Timer RC Mode Register
TRCMR
176
0121h
Timer RC Control Register 1
TRCCR1
177, 200, 204,
209
0122h
Timer RC Interrupt Enable Register
TRCIER
178
0123h
Timer RC Status Register
TRCSR
179
0124h
Timer RC I/O Control Register 0
TRCIOR0
184, 193, 198
0125h
Timer RC I/O Control Register 1
TRCIOR1
184, 194, 199
0126h
Timer RC Counter
TRC
180
0127h
0128h
Timer RC General Register A
TRCGRA
180
0129h
012Ah
Timer RC General Register B
TRCGRB
180
012Bh
012Ch
Timer RC General Register C
TRCGRC
180
012Dh
012Eh
Timer RC General Register D
TRCGRD
180
012Fh
Address
Register
Symbol
Page
0130h
Timer RC Control Register 2
TRCCR2
181
0131h
Timer RC Digital Filter Function Select
Register
TRCDF
182
0132h
Timer RC Output Master Enable Register
TRCOER
183
0133h
0134h
0135h
0136h
0137h
0138h
0139h
013Ah
013Bh
013Ch
013Dh
013Eh
013Fh
0140h
0141h
0142h
0143h
0144h
0145h
0146h
0147h
0148h
0149h
014Ah
014Bh
014Ch
014Dh
014Eh
014Fh
0150h
0151h
0152h
0153h
0154h
0155h
0156h
0157h
0158h
0159h
015Ah
015Bh
015Ch
015Dh
015Eh
015Fh
0160h
0161h
0162h
0163h
0164h
0165h
0166h
0167h
0168h
0169h
016Ah
016Bh
016Ch
016Dh
016Eh
016Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com