Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 73Page - Renesas Technology Corp R8C/29 Datasheet HTML 74Page - Renesas Technology Corp R8C/29 Datasheet HTML 75Page - Renesas Technology Corp R8C/29 Datasheet HTML 76Page - Renesas Technology Corp R8C/29 Datasheet HTML 77Page - Renesas Technology Corp R8C/29 Datasheet HTML 78Page - Renesas Technology Corp R8C/29 Datasheet HTML 79Page - Renesas Technology Corp R8C/29 Datasheet HTML 80Page - Renesas Technology Corp R8C/29 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 471 page
background image
R8C/28 Group, R8C/29 Group
7. Programmable I/O Ports
Rev.2.10
Sep 26, 2008
Page 60 of 441
REJ09B0279-0210
Figure 7.10
Registers PUR0 and PUR1
Figure 7.11
P1DRR Register
Pull-Up Control Register 0
Symbol
Address
After Reset
PUR0
00FCh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
PU02
Set to 0. When read, the content is 0.
Reserved bits
0 : Not pulled up
1 : Pulled up
0 : Not pulled up
1 : Pulled up
When this bit is set to 1 (pulled up), the pin w hose direction bit is set to 0 (input mode) is pulled up.
PU07
RW
P3_4, P3_5, P3_7 pull-up(1)
PU06
P3_3 pull-up(1)
RW
—
(b5-b4)
b3 b2 b1
0
b0
0
—
(b1-b0)
b7 b6 b5 b4
0
RW
RW
RW
0
RW
Reserved bits
PU03
P1_4 to P1_7 pull-up(1)
P1_0 to P1_3 pull-up(1)
Set to 0. When read, the content is 0.
Pull-Up Control Register 1
Symbol
Address
After Reset
PUR1
00FDh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
b0
0
—
When this bit is set to 1 (pulled up), the pin w hose direction bit is set to 0 (input mode) is pulled up.
b3 b2
0
b1
0
b7 b6 b5 b4
—
(b7-b6)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
00
—
(b0)
Reserved bit
Set to 0. When read, the content is 0.
—
(b5-b2)
RW
Reserved bits
RW
PU11
P4_5 pull-up(1)
RW
Set to 0. When read, the content is 0.
0 : Not pulled up
1 : Pulled up
Port P1 Drive Capacity Control Register (For N, D Version Only)
Symbol
Address
After Reset
P1DRR
00FEh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. Both “H” and “L” output are set to high drive capacity.
P1DRR7
P1DRR5
RW
Set P1 output transistor drive capacity
0 : Low
1 : High(1)
P1DRR2
P1_7 drive capacity
P1_3 drive capacity
P1DRR6
P1_6 drive capacity
b3 b2 b1 b0
P1DRR0
b7 b6 b5 b4
RW
P1_1 drive capacity
P1_0 drive capacity
P1DRR3
P1_2 drive capacity
P1DRR1
RW
RW
RW
P1DRR4
RW
P1_4 drive capacity
RW
P1_5 drive capacity
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com