Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 279Page - Renesas Technology Corp R8C/29 Datasheet HTML 280Page - Renesas Technology Corp R8C/29 Datasheet HTML 281Page - Renesas Technology Corp R8C/29 Datasheet HTML 282Page - Renesas Technology Corp R8C/29 Datasheet HTML 283Page - Renesas Technology Corp R8C/29 Datasheet HTML 284Page - Renesas Technology Corp R8C/29 Datasheet HTML 285Page - Renesas Technology Corp R8C/29 Datasheet HTML 286Page - Renesas Technology Corp R8C/29 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 266 of 441
REJ09B0279-0210
16.2.5.2
Data Transmission
Figure 16.13 shows an Example of Clock Synchronous Serial I/O with Chip Select Operation for Data
Transmission (Clock Synchronous Communication Mode). During data transmission, clock synchronous serial
I/O with chip select operates as described below.
When clock synchronous serial I/O with chip select is set as a master device, it outputs a synchronous clock and
data. When clock synchronous serial I/O with chip select is set as a slave device, it outputs data synchronized
with the input clock.
When the TE bit is set to 1 (transmit enabled) before writing the transmit data to the SSTDR register, the TDRE
bit is automatically set to 0 (data not transferred from registers SSTDR to SSTRSR) and the data is transferred
from registers SSTDR to SSTRSR.
After the TDRE bit is set to 1 (data transferred from registers SSTDR to SSTRSR), transmission starts. When
the TIE bit in the SSER register is set to 1, the TXI interrupt request is generated. When one frame of data is
transferred while the TDRE bit is set to 0, data is transferred from registers SSTDR to SSTRSR and
transmission of the next frame is started. If the 8th bit is transmitted while the TDRE bit is set to 1, the TEND
bit in the SSSR register is set to 1 (the TDRE bit is set to 1 when the last bit of the transmit data is transmitted)
and the state is retained. The TEI interrupt request is generated when the TEIE bit in the SSER register is set to
1 (transmit-end interrupt request enabled). The SSCK pin is fixed “H” after transmit-end.
Transmission cannot be performed while the ORER bit in the SSSR register is set to 1 (overrun error). Confirm
that the ORER bit is set to 0 before transmission.
Figure 16.14 shows a Sample Flowchart of Data Transmission (Clock Synchronous Communication Mode).
Figure 16.13
Example of Clock Synchronous Serial I/O with Chip Select Operation for Data
Transmission (Clock Synchronous Communication Mode)
SSCK
b0
SSO
• SSUMS = 0 (clock synchronous communication mode), CPHS = 0 (data change at
odd numbers), and CPOS = 0 (“H” when clock stops)
b1
b7
b0
b1
b7
1 frame
TDRE bit in
SSSR register
0
1
TEND bit in
SSSR register
0
1
TEI interrupt request
generation
Write data to SSTDR register
Processing
by program
1 frame
TXI interrupt request generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com