Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 278Page - Renesas Technology Corp R8C/29 Datasheet HTML 279Page - Renesas Technology Corp R8C/29 Datasheet HTML 280Page - Renesas Technology Corp R8C/29 Datasheet HTML 281Page - Renesas Technology Corp R8C/29 Datasheet HTML 282Page - Renesas Technology Corp R8C/29 Datasheet HTML 283Page - Renesas Technology Corp R8C/29 Datasheet HTML 284Page - Renesas Technology Corp R8C/29 Datasheet HTML 285Page - Renesas Technology Corp R8C/29 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 265 of 441
REJ09B0279-0210
16.2.5
Clock Synchronous Communication Mode
16.2.5.1
Initialization in Clock Synchronous Communication Mode
Figure 16.12 shows the Initialization in Clock Synchronous Communication Mode. To initialize, set the TE bit
in the SSER register to 0 (transmit disabled) and the RE bit to 0 (receive disabled) before data transmission or
reception.
Set the TE bit to 0 and the RE bit to 0 before changing the communication mode or format.
Setting the RE bit to 0 does not change the contents of flags RDRF and ORER or the contents of the SSRDR
register.
Figure 16.12
Initialization in Clock Synchronous Communication Mode
Start
SSMR2 register
SSUMS bit
← 0
SSCRH register
Set bits CKS0 to CKS2
Set RSSTP bit
SSSR register
ORER bit
← 0(1)
SSER register
RE bit
← 1 (receive)
TE bit
← 1 (transmit)
Set bits RIE, TEIE, and TIE
End
NOTE:
1. Write 0 after reading 1 to set the ORER bit to 0.
SSER register
RE bit
← 0
TE bit
← 0
SSMR2 register
SCKS bit
← 1
Set SOOS bit
SSCRH register
Set MSS bit
SSMR register
CPHS bit
← 0
CPOS bit
← 0
Set MLS bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com