Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/29 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # R8C/29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  471 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/29 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button R8C/29 Datasheet HTML 275Page - Renesas Technology Corp R8C/29 Datasheet HTML 276Page - Renesas Technology Corp R8C/29 Datasheet HTML 277Page - Renesas Technology Corp R8C/29 Datasheet HTML 278Page - Renesas Technology Corp R8C/29 Datasheet HTML 279Page - Renesas Technology Corp R8C/29 Datasheet HTML 280Page - Renesas Technology Corp R8C/29 Datasheet HTML 281Page - Renesas Technology Corp R8C/29 Datasheet HTML 282Page - Renesas Technology Corp R8C/29 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 471 page
background image
R8C/28 Group, R8C/29 Group
16. Clock Synchronous Serial Interface
Rev.2.10
Sep 26, 2008
Page 262 of 441
REJ09B0279-0210
16.2.2
SS Shift Register (SSTRSR)
The SSTRSR register is a shift register for transmitting and receiving serial data.
When transmit data is transferred from the SSTDR register to the SSTRSR register and the MLS bit in the
SSMR register is set to 0 (MSB-first), the bit 0 in the SSTDR register is transferred to bit 0 in the SSTRSR
register. When the MLS bit is set to 1 (LSB-first), bit 7 in the SSTDR register is transferred to bit 0 in the
SSTRSR register.
16.2.2.1
Association between Data I/O Pins and SS Shift Register
The connection between the data I/O pins and SSTRSR register (SS shift register) changes according to a
combination of the MSS bit in the SSCRH register and the SSUMS bit in the SSMR2 register. The connection
also changes according to the BIDE bit in the SSMR2 register.
Figure 16.11 shows the Association between Data I/O Pins and SSTRSR Register.
Figure 16.11
Association between Data I/O Pins and SSTRSR Register
SSTRSR register
SSO
SSI
• SSUMS = 0
(clock synchronous communication mode)
SSTRSR register
SSO
SSI
• SSUMS = 1 (4-wire bus communication mode),
BIDE = 0 (standard mode), and MSS = 0 (operates
as slave device)
SSTRSR register
SSO
SSI
• SSUMS = 1 (4-wire bus communication mode),
BIDE = 0 (standard mode), and MSS = 1 (operates as
master device)
SSTRSR register
SSO
SSI
• SSUMS = 1 (4-wire bus communication mode) and
BIDE = 1 (bidirectional mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com