Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 173Page - STMicroelectronics STM32MP253C Datasheet HTML 174Page - STMicroelectronics STM32MP253C Datasheet HTML 175Page - STMicroelectronics STM32MP253C Datasheet HTML 176Page - STMicroelectronics STM32MP253C Datasheet HTML 177Page - STMicroelectronics STM32MP253C Datasheet HTML 178Page - STMicroelectronics STM32MP253C Datasheet HTML 179Page - STMicroelectronics STM32MP253C Datasheet HTML 180Page - STMicroelectronics STM32MP253C Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 241 page
background image
Symbol
Parameter
Conditions (Resolution / RAIN in ohms)
Min
Typ
Max
Unit
ts_min
Minimum sampling time
10 bits
1000
ns
45
-
-
1500
55
-
-
2200
71
-
-
3300
97
-
-
4700
133
-
-
6800(1)
238
-
-
ts_min
Minimum sampling time
8 bits
47
17
-
-
ns
68
17
-
-
100
18
-
-
150
19
-
-
220
20
-
-
330
22
-
-
470
25
-
-
680
28
-
-
1000
34
-
-
1500
42
-
-
2200
53
-
-
3300
70
-
-
4700
94
-
-
6800
128
-
-
10000
183
-
-
15000
277
-
-
22000(1)
435
-
-
1. Maximum external input impedance value authorized for the given Resolution.
Figure 39. Typical connection diagram using the ADC with TT pins featuring analog switch function
Sample-and-hold ADC converter
Converter
Cparasitic(2)
Ilkg(3)
CADC
VDDA(4)
RAIN(1)
VAIN
RADC
VREF+(4)
VSSA
I/O
analog
switch
Sampling
switch with
multiplexing
VSS
VSS
6.3.22.1
General PCB design guidelines
PCB design guidelines are provided in AN5489 "Getting started with STM32MP25xx lines hardware development"
available from the ST website www.st.com.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 177/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com