Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 52 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 48Page - STMicroelectronics STM32MP253C Datasheet HTML 49Page - STMicroelectronics STM32MP253C Datasheet HTML 50Page - STMicroelectronics STM32MP253C Datasheet HTML 51Page - STMicroelectronics STM32MP253C Datasheet HTML 52Page - STMicroelectronics STM32MP253C Datasheet HTML 53Page - STMicroelectronics STM32MP253C Datasheet HTML 54Page - STMicroelectronics STM32MP253C Datasheet HTML 55Page - STMicroelectronics STM32MP253C Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 241 page
background image
4.2
Ball description
Table 10. Legend/abbreviations used in the ballout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified, the function during and after reset is the same as the actual pin/ball name
DNU (do not use)
Represent a pin/ball that must be left unconnected (open) at application level unless otherwise noted.
Pin type
S
Supply pin
I
Input only pin
O
Output only pin
I/O
Input/output pin
A
Analog or special level pin
I/O structure
TT(U/D/PD)
3.6 V capable I/O (with fixed pull-up/pull-down/programmable pull-down)(1)
DDR
1.35 V, 1.2 V, or 1.1 V I/O for DDR3L, DDR4 or LPDDR4 interface
A
Analog signal
RST
Reset pin with weak pull-up resistor
Option for TT I/Os
_f(2)
I3C option
_a(2)
Analog option (supplied by VDDA18ADC for the analog part of the I/O)
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset
Alternate functions
Functions selected through GPIOx_AFR registers
Additional functions
Functions directly selected/enabled through peripheral registers
1. 3.6 V capable only if related I/O supply is 3.3 V typ. and related VDDIOxVRSEL = 0.
2. The related I/O structures in table below are TT_f, TT_a and TT_af.
Note:
Alternate functions listed in following tables may be absent in some devices or packages (see Section 2 for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com