Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 4Page - STMicroelectronics STM32MP253C Datasheet HTML 5Page - STMicroelectronics STM32MP253C Datasheet HTML 6Page - STMicroelectronics STM32MP253C Datasheet HTML 7Page - STMicroelectronics STM32MP253C Datasheet HTML 8Page - STMicroelectronics STM32MP253C Datasheet HTML 9Page - STMicroelectronics STM32MP253C Datasheet HTML 10Page - STMicroelectronics STM32MP253C Datasheet HTML 11Page - STMicroelectronics STM32MP253C Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 241 page
background image
Features
STM32MP25xC/F
Timers
Basic
16 bits
2
Low power
16 bits
5
SysTick
24 bits
2 (Cortex-M33, secure and non-secure)
24 bits
1 (Cortex-M0+)
Cortex-A35 (CNT)
64 bits
Up to 2 × 4 (secure, non-secure, Virtual,
Hypervisor)(1)
RTC
1
Watchdog
7 (5× independent, 2× window)
Communication
Peripherals
SPI
Total
8
having I2S
3
I2C (with SMB/PMB support)
8
I3C
4
USART (Smartcard, SPI, IrDA, LIN) + UART (IrDA,
LIN)(2)
4 + 5
LPUART
1
SAI
4 (up to 8 audio channels), with I2S master/
slave, PCM input,
SPDIF-TX
PCI Express (PCIE)
Yes, 1× TX + 1× RX, embedded 5 Gbit/s PHY
USB
USB 2.0 Host (USBH)
1 port, embedded Hi-Speed PHY
USB 2.0/3.0 Dual Role
(USB3DR)(2)
Yes, embedded Hi-Speed and SuperSpeed
5 Gbps PHY
Embedded PHYs
3 (2× Hi-Speed + 1x SuperSpeed 5 Gbps)
Type-C support (UCPD)
Yes, includes two CC-lines embedded PHY
SPDIFRX
4 inputs
FDCAN
Up to 3(1)
SDMMC (SD, SDIO, e•MMC)(2)
3 (8 + 8 + 4 bits).
OCTOSPI(2)
2, with AES-128 (CTR) decryption (OTFDEC)
FMC
Parallel address/data 8/16 bits
4× CS, up to 4x 64 Mbytes(1)
Parallel AD-Mux 8/16 bits
4× CS, up to 4x 64 Mbytes(1)
NAND 8/16 bits(2)
Yes, 4 x CS, SLC, BCH4/8(1)
Gigabit Ethernet interfaces
Up to 3(1)
LCD-TFT (LTDC)
-
Up to 314 MHz pixel clock (when used with DSI
or LVDS)
Parallel interface
Up to 24-bits 150 MHz pixel clock (up to
1080p60)
Display serial interface (DSI)
4× data lanes 2.5 Gbit/s each (up to 1536p60)(1)
LVDS display interface (LVDS)
Up to dual-link of 4× data lanes 1.1 Gbit/s each
(up to 1536p60)(1)
Camera interface
-
CSI-2 + RGB/RawBayer parallel
CSI-2 serial (CSI + DCMIPP)
2× data lanes 2.5 Gbit/s each, path shared with
DCMIPP
Parallel RGB/RawBayer (DCMIPP)
Up to 120 MHz, path shared with CSI.
Image signal processing (ISP)
Yes, embedded inside DCMIPP
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Description
DS14284 - Rev 3
page 8/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com