Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 35 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 31Page - STMicroelectronics STM32MP253C Datasheet HTML 32Page - STMicroelectronics STM32MP253C Datasheet HTML 33Page - STMicroelectronics STM32MP253C Datasheet HTML 34Page - STMicroelectronics STM32MP253C Datasheet HTML 35Page - STMicroelectronics STM32MP253C Datasheet HTML 36Page - STMicroelectronics STM32MP253C Datasheet HTML 37Page - STMicroelectronics STM32MP253C Datasheet HTML 38Page - STMicroelectronics STM32MP253C Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 241 page
background image
3.44
Cryptographic processor (CRYP1/2)
The devices embed two cryptographic processor that can be used both to encrypt and decrypt data using the
DES, triple-DES, or AES algorithms. The implementation if fully compliant with the following standards:
•
DES and TDES are defined by FIPS (PUB 46-3, Oct 1999), and by the American National Standards
Institute (ANSI X9.52)
•
AES is defined by FIPS (FIPS PUB 197, Nov 2001)
Multiple key sizes and chaining modes are supported:
•
DES/TDES chaining modes ECB and CBC, supporting standard 56-bit keys with 8-bit parity per key
•
AES chaining modes ECB, CBC, CTR, GCM, GMAC, CCM for key sizes of 128, 192, or 256 bits
The CRYP in AES mode supports key sharing from SAES co-processor. It is a 32-bit AHB peripheral with DMA
support for incoming and outgoing data.
The CRYP also includes input and output FIFOs (each 8 words deep) for better performance.
3.45
Secure AES (SAES)
The SAES encrypts or decrypts data, using an algorithm and implementation fully compliant with the AES
standard. It implements embedded protection against differential power analysis (DPA) and related side-channel
attacks.
The SAES supports CTR, GCM, GMAC, CCM, ECB, and CBC chaining modes for key sizes of 128 or 256 bits, as
well as special modes such as hardware secret key encryption/decryption (wrapped-key mode) and key sharing
with faster CRYP peripheral (shared-key mode).
The SAES can load directly two hardware master keys that are not directly accessible by any software. These
keys can be used to encrypt random keys that are usable only on this device, and are not directly accessible by
software.
The SAES supports DMA single transfers for incoming and outgoing data (two DMA channels required). It is
connected by hardware to the RNG and to the CRYP1/2.
The SAES is an AMBA AHB slave peripheral.
3.46
Public key accelerator (PKA)
The PKA is intended for the computation of cryptographic public key primitives, specifically those related to RSA,
Diffie-Hellmann, or ECC (elliptic curve cryptography) over GF(p) (Galois fields). To achieve high performance at a
reasonable cost, these operations are executed in the Montgomery domain.
For a given operation, all needed computations are performed within the accelerator: no further hardware/
software elaboration is needed to process inputs or outputs.
3.47
Boot and security and OTP control (BSEC)
The BSEC is used to control an OTP (one-time programmable) fuse box, used for embedded non-volatile storage
for device configuration and security parameters.
Embedded non-volatile secrets are stored in the BSEC upper area that is only accessible while BSEC is operating
in a closed state. In open state those non-volatile secrets are permanently hidden.
The BSEC use is reserved to trusted domain CPU, and boot CPU following a BSEC reset (cold/warm or hot).
3.48
Timers and watchdogs
The devices include three advanced-control timers, twelve general-purpose timers, two basic timers, five low-
power timers, seven watchdogs, two SysTick timers in Cortex-M33 , one SysTick timer in Cortex-M0+, and four
system timers in each Cortex-A35.
All timer counters can be frozen in debug mode.
The table below compares features of the different timers.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 35/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com