Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 13Page - STMicroelectronics STM32MP253C Datasheet HTML 14Page - STMicroelectronics STM32MP253C Datasheet HTML 15Page - STMicroelectronics STM32MP253C Datasheet HTML 16Page - STMicroelectronics STM32MP253C Datasheet HTML 17Page - STMicroelectronics STM32MP253C Datasheet HTML 18Page - STMicroelectronics STM32MP253C Datasheet HTML 19Page - STMicroelectronics STM32MP253C Datasheet HTML 20Page - STMicroelectronics STM32MP253C Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 241 page
background image
Boot source
When used by Cortex-A35
When used by Cortex-M33
UART
USART2/6 and UART5/8/9
-
Table 5. Boot sources
BOOT[3:0]
pins
Alternate boot pins OTP value
0b00 (default)
0b01
0b10
0b11
Cortex-A35
master
Cortex-M33
master
Cortex-M33 master (1)
Cortex-A35
master
Cortex-M33
master
Cortex-M33 master (1)
Cortex-A35 Cortex-M33
Cortex-A35
Cortex-M33
0
UART and USB(2) (3)
1
SD-Card
-
-
-
SD-Card
SD-Card
Serial NAND Serial NOR
2
e•MMC
-
-
-
e•MMC
e•MMC
e•MMC
Serial NOR
3
Development boot(2)
4
Serial NOR
-
-
-
Serial NOR
Serial NOR
SLC NAND
Serial NOR
5
Serial NAND -
-
-
-
-
e•MMC(4)
Serial NOR
6
SLC NAND
-
-
-
-
-
e•MMC(4)
HyperFlash™
7
-
SD-Card
-
-
HyperFlash™
HyperFlash™
Serial NAND HyperFlash™
8
-
e•MMC
-
-
Serial NAND
Serial NAND
e•MMC
HyperFlash™
9
-
-
Serial
NAND
Serial NOR
-
-
SD-Card(5)
Serial NOR
10
-
-
SLC NAND
Serial NOR
-
-
SD-Card(5)
HyperFlash™
11
-
Serial NOR
-
-
SLC NAND
SLC NAND
SLC NAND(6) HyperFlash™
12
Development boot(2)
13
-
-
e•MMC
Serial NOR
SD-Card(5)
SD-Card(5)
SD-Card
Serial NOR
14
-
-
SD-Card
Serial NOR
e•MMC(4)
e•MMC(4)
SD-Card
HyperFlash™
15
UART and USB(3)
1. Two flash memory config. Indirect Cortex-A35 boot (from Cortex-M33) or used during Cortex-A35 D1Standby exit
2. Cannot be override by OTP.
3. Wait incoming connection on USART2/6 or UART5/8/9 on default pins and USB high-speed device on USB3DR_DP/DM.
4. e•MMC on SDMMC1
5. SD-Card on SDMMC2
6. Only 8-bit memory is supported as some FMC and OCTOSPIM port2 pins are shared (usage of FMC in 16-bit mode is exclusive of usage of
OCTOSPIM port2).
The default pins used during boot are described in Table 6 .
Note:
There is few mutual exclusions with this default settings. SDMMC2 cannot be used with FMC. OCTOSPI Port2
cannot be used with FMC 16 bits. OCTOSPI port2 in 8-bit mode cannot be used with FMC.
Table 6. Minimum set of default pins used during boot ROM phase
Most can be changed using OTP settings. This table is for default OTP settings.
Interface
type
Signal
Pin
IO supply domain
FMC
FMC_NOE
PE15
VDDIO2(1)
FMC_RNB
PE13
FMC_NWE
PE14
FMC_NCE1
PE12
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 17/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com