Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 92Page - STMicroelectronics STM32MP253C Datasheet HTML 93Page - STMicroelectronics STM32MP253C Datasheet HTML 94Page - STMicroelectronics STM32MP253C Datasheet HTML 95Page - STMicroelectronics STM32MP253C Datasheet HTML 96Page - STMicroelectronics STM32MP253C Datasheet HTML 97Page - STMicroelectronics STM32MP253C Datasheet HTML 98Page - STMicroelectronics STM32MP253C Datasheet HTML 99Page - STMicroelectronics STM32MP253C Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 241 page
background image
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
ETH1 / I2C2/4/5/8 /
I3C1 /
TIM1/2/3/4/5/8/10/1
1/12/16/20 /
UART7 / USART2
DCMI / PSSI /
DCMIPP / DSI /
ETH1/2 / FDCAN3 /
I2C1/2/3/4/5/6/7/8 /
LPTIM5 /
SDMMC1/2 /
TIM4/5/10/12/14 /
USBH_HS
ETH1/2 / FMC / I2C1/3/5/7 / I3C1/2 / LCD /
LPTIM3/4 / OCTOSPIM_P1/2 / SDMMC1/3 /
TIM14
ETH1/2 / FMC / I2C3/5 /
I3C4 / LCD /
OCTOSPIM_P1/2 /
SDMMC1 / USB3DR
DSI / ETH1/2 / FMC / I2C4 / LCD /
OCTOSPIM_P2 / SDMMC1/2/3 / USBH_HS
DCMI / PSSI / DCMIPP / DSI /
ETH1/2/3 / I3C2 / LCD /
OCTOSPIM_P1 / SDMMC2
DCMI / PSSI / DCMIPP /
ETH3 / FMC / LCD / SDMMC3
SYS
PH1
1
-
ETH2_MDIO
ETH1_MII_TXD3/ETH1_RGMII_TXD3
-
-
-
-
EVEN
TOUT
PH1
2
TIM10_CH1
-
ETH1_MII_RXD2/ETH1_RGMII_RXD2
-
-
-
-
EVEN
TOUT
PH1
3
TIM11_CH1
-
ETH1_MII_RXD3/ETH1_RGMII_RXD3
-
-
-
-
EVEN
TOUT
PI0
TIM8_BKIN
-
-
-
-
LCD_B3
DCMI_D11/PSSI_D11/
DCMIPP_D11
EVEN
TOUT
PI1
TIM8_CH3N
I2C1_SDA
I3C1_SDA
-
-
LCD_B4
DCMI_D8/PSSI_D8/
DCMIPP_D8
EVEN
TOUT
PI2
TIM8_CH1
-
-
-
-
LCD_B5
DCMI_D13/PSSI_D13/
DCMIPP_D13
EVEN
TOUT
PI3
TIM8_CH2
-
-
-
-
LCD_B6
PSSI_D14/DCMIPP_D14
EVEN
TOUT
PI4
TIM8_CH3
-
-
-
-
LCD_B7
PSSI_D15/DCMIPP_D15
EVEN
TOUT
PI5
TIM5_CH2
-
-
-
-
LCD_DE
DCMI_D1/PSSI_D1/
DCMIPP_D1
EVEN
TOUT
PI6
TIM3_CH1
-
-
-
-
LCD_VSYNC
-
EVEN
TOUT
PI7
TIM3_CH2
-
-
-
-
LCD_HSYNC
-
EVEN
TOUT
PI8
-
-
-
-
-
-
-
EVEN
TOUT
PI9
TIM16_BKIN
SDVSEL2
FMC_NWAIT
-
DSI_TE
LCD_B0
-
EVEN
TOUT
PI10
TIM4_CH1
SDVSEL1
-
-
FMC_AD12/FMC_D12
DSI_TE
-
EVEN
TOUT
PI11
-
TIM4_CH3
SDMMC3_D3
FMC_AD15/FMC_D15
-
-
-
EVEN
TOUT
PI12
TIM11_CH1
-
-
-
FMC_A2
LCD_G0
-
EVEN
TOUT
PI13
TIM10_CH1
-
-
-
FMC_A3
LCD_G1
-
EVEN
TOUT
PI14
TIM1_CH3N
-
FMC_NWAIT
-
FMC_AD10/FMC_D10
DCMI_D4/PSSI_D4/
DCMIPP_D4
-
EVEN
TOUT
PI15
TIM1_BKIN2
SDVSEL1
SDMMC3_CDIR
-
-
DCMI_D9/PSSI_D9/
DCMIPP_D9
-
EVEN
TOUT
PJ0
-
USBH_HS_VBUSEN
-
ETH2_PTP_AUX_TS
FMC_A11
ETH3_PPS_OUT
-
EVEN
TOUT
PJ1
TIM8_CH1N
I2C1_SCL
I3C1_SCL
-
FMC_A7
-
DCMI_VSYNC/PSSI_RDY/
DCMIPP_VSYNC
EVEN
TOUT
PJ2
TIM8_CH4N
USBH_HS_OVRCU
R
-
-
FMC_A14
-
-
EVEN
TOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com