Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 37Page - STMicroelectronics STM32MP253C Datasheet HTML 38Page - STMicroelectronics STM32MP253C Datasheet HTML 39Page - STMicroelectronics STM32MP253C Datasheet HTML 40Page - STMicroelectronics STM32MP253C Datasheet HTML 41Page - STMicroelectronics STM32MP253C Datasheet HTML 42Page - STMicroelectronics STM32MP253C Datasheet HTML 43Page - STMicroelectronics STM32MP253C Datasheet HTML 44Page - STMicroelectronics STM32MP253C Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 241 page
background image
•
Autonomous wake
‑up on
–
Slave request acknowledge, when controller
–
Missed start detection, when target
–
Reset pattern detection, when target
3.54
Universal synchronous asynchronous receiver transmitter (USART1/2/3/6,
UART4/5/7/8/9)
STM32MP25xC/F devices embed four USART and five UART (see Table 8. USART/UART features for feature
summary).
These interfaces provide asynchronous communication, IrDA SIR ENDEC support, multiprocessor
communication mode, single-wire half-duplex communication mode, and have LIN master/slave capability. They
provide hardware management of CTS and RTS signals, and RS485 Driver Enable. They can communicate at
speeds of up to 10 Mbit/s.
The USARTs embed a 64-bytes transmit FIFO (TXFIFO) and a 64-bytes receive FIFO (RXFIFO). The FIFO mode
is enabled by software, and is disabled by default.
All USARTs provide Smartcard mode (ISO 7816 compliant) and SPI-like communication capability. They have a
clock domain independent from the CPU clock: this allows the USARTx to wake up the device from Stop mode
using baudrates up to 200 Kbaud. Wake-up events from Stop mode are programmable and can be one of the
following:
•
start bit detection
•
any received data frame
•
a specific programmed data frame
All USARTs can be served by the DMA controller.
Table 8. USART/UART features
Modes/features(1)
USART1/2/3/6
UART4/5/7/8/9
Hardware flow control for modem
X
X
Continuous communication using DMA
X
X
Multiprocessor communication
X
X
Synchronous SPI mode (master/slave)
X
-
Smartcard mode
X
-
Single-wire half-duplex communication
X
X
IrDA SIR ENDEC block
X
X
LIN mode
X
X
Dual clock domain and wake
‑up from low‑power mode
X
X
Receiver timeout interrupt
X
X
Modbus communication
X
X
Auto-baudrate detection
X
X
Driver enable
X
X
Data length
7, 8, and 9 bits
1. X = supported.
3.55
Low-power universal asynchronous receiver transmitter (LPUART1)
The devices embed one LPUART that supports asynchronous serial communication with minimum power
consumption. The LPUART supports half-duplex single-wire communication and modem operations (CTS/RTS). It
allows multiprocessor communication.
The LPUART embeds a transmit FIFO (TXFIFO) and a receive FIFO (RXFIFO). The FIFO mode is enabled by
software, and is disabled by default.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 41/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com