Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 26Page - STMicroelectronics STM32MP253C Datasheet HTML 27Page - STMicroelectronics STM32MP253C Datasheet HTML 28Page - STMicroelectronics STM32MP253C Datasheet HTML 29Page - STMicroelectronics STM32MP253C Datasheet HTML 30Page - STMicroelectronics STM32MP253C Datasheet HTML 31Page - STMicroelectronics STM32MP253C Datasheet HTML 32Page - STMicroelectronics STM32MP253C Datasheet HTML 33Page - STMicroelectronics STM32MP253C Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 241 page
background image
3.31.1
Features
•
8 serial digital inputs:
–
configurable SPI interface to connect various digital sensors
–
configurable Manchester coded interface support
–
compatible with PDM interface to support digital microphones
•
2 common clocks input/output for ΣΔ modulator(s)
•
Flexible matrix (BSMX) for connection between filters and digital inputs
•
2 inputs for connecting internal ADCs
•
8 flexible digital filter paths, including
–
A Configurable CIC filter:
◦
Can be split into 2 CIC filters: high resolution filter, and out-off limit detector
◦
Can be configured in Sinc4 filter
◦
Can be configured in Sinc5 filter
◦
Adjustable decimation ratio
–
A reshape filter to improve the out-off band rejection and in-band ripple
–
A high pass filter to cancel the DC offset
–
An offset error cancellation
–
Gain control
–
Saturation blocks
–
An out-off limit detector
•
Short-circuit detector,
•
Clock absence detector
•
16 or 24-bit signed output data resolution,
•
Continuous or single conversion,
•
Possibility to delay independently each bitstream
•
Various trigger possibilities
•
Break generation on out-of limit or short-circuit detector events
•
Autonomous functionality in Stop modes
•
DMA can be used to read the conversion data
•
Interrupts services
Targeted applications:
•
Audio: speech capture
•
Motor control
•
Metering
3.32
Audio digital filter (ADF1)
The audio digital filter (ADF) is a high-performance module dedicated to the connection of external ΣΔ
modulators.
3.32.1
Features
•
1 serial digital input:
–
configurable SPI interface to connect various digital sensors
–
configurable Manchester coded interface support
–
compatible with PDM interface to support digital microphones
•
2 common clocks input/output for ΣΔ modulators
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 30/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com