Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 23Page - STMicroelectronics STM32MP253C Datasheet HTML 24Page - STMicroelectronics STM32MP253C Datasheet HTML 25Page - STMicroelectronics STM32MP253C Datasheet HTML 26Page - STMicroelectronics STM32MP253C Datasheet HTML 27Page - STMicroelectronics STM32MP253C Datasheet HTML 28Page - STMicroelectronics STM32MP253C Datasheet HTML 29Page - STMicroelectronics STM32MP253C Datasheet HTML 30Page - STMicroelectronics STM32MP253C Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 241 page
background image
3.18
Low-power DMA controller (LPDMA1)
•
AHB master
•
Memory-mapped data transfers from a source to a destination:
–
Peripheral-to-memory
–
Memory-to-peripheral
–
Memory-to-memory
–
Peripheral-to-peripheral
•
Autonomous data transfers during Sleep and Stop modes
•
Per channel event generation
•
Per channel interrupt generation
•
4 concurrent DMA channels
•
Linked-list support
•
TrustZone support
•
Privileged/unprivileged support
•
Channel isolation support
3.19
Cortex-M33 nested vectored interrupt controller (NVIC)
The devices embed a NIC that can support up to 320 maskable interrupt channels, not including the Cortex®
‑M33
interrupt lines.
•
16 programmable priority levels
•
Closely coupled NVIC gives low-latency interrupt processing
•
Interrupt entry vector table address passed directly to the core
•
Early processing of interrupts
•
Processing of late arriving, higher-priority interrupts
•
Tail chaining
•
Processor context automatically saved
•
Interrupt entry restored on interrupt exit with no instruction overhead
NVIC registers are banked across secure and non-secure states.
The NVIC provides flexible interrupt management features with minimum interrupt latency.
3.20
Cortex-M0+ nested vectored interrupt controller (NVIC)
The devices embeds an NVIC that can support up to 32 maskable interrupt channels, not including the Cortex-
M0+ core interrupt lines.
•
4 programmable priority levels
•
Closely coupled NVIC that gives low-latency interrupt processing
•
Interrupt entry vector table address passed directly to the core
•
Early processing of interrupts
•
Processing of late arriving, higher-priority interrupts
•
Support tail chaining
•
Processor context automatically saved
•
Interrupt entry restored on interrupt exit with no instruction overhead
This NVIC provides flexible interrupt management features with minimum interrupt latency.
3.21
Extended interrupt and event controller (EXTI1/2)
The EXTI manages individual CPU and system wake-up through configurable and direct event inputs. It provides
wake-up requests to the power control, and generates an interrupt request to the CPU NVIC or GIC, and events
to the CPU event inputs. For each CPU, an additional event generation block (EVG) is needed to generate the
CPU event signal.
The EXTI wake-up requests allow the system to be woken up from Stop mode, and CPUs to be woken up from
CStop and CStandby modes.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Functional overview
DS14284 - Rev 3
page 27/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com