Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 59Page - STMicroelectronics STM32MP253C Datasheet HTML 60Page - STMicroelectronics STM32MP253C Datasheet HTML 61Page - STMicroelectronics STM32MP253C Datasheet HTML 62Page - STMicroelectronics STM32MP253C Datasheet HTML 63Page - STMicroelectronics STM32MP253C Datasheet HTML 64Page - STMicroelectronics STM32MP253C Datasheet HTML 65Page - STMicroelectronics STM32MP253C Datasheet HTML 66Page - STMicroelectronics STM32MP253C Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 241 page
background image
Pin number
Pin name
(function after
reset)
Pin type
I/O
structur
e
Notes
Alternate functions
Additional functions
K5
P4
W7
P6
PC13
I/O
TT
(6)
EVENTOUT
RTC_OUT1/
RTC_LSCO/
RTC_TS,
TAMP_OUT1
M2
M2
AA2
R1
OSC32_IN
I
A
(7)
-
OSC32_IN
M1
M1
AA1
R2
OSC32_OUT
O
A
(8)
-
OSC32_OUT
P1
N1
W2
T7
PDR_ON
I
-
(9)
-
-
B11
C11
B17
D14
PD0
I/O
TT
(10)
TRACECLK, HDP0, SPI7_RDY, SAI1_D2, SAI4_FS_A,
UART7_RX, TIM15_CH2, SDVSEL1,
OCTOSPIM_P1_CLK(boot), DCMI_PIXCLK/PSSI_PDCK/
DCMIPP_PIXCLK, EVENTOUT
-
A12
F9
A19
E15
PD1
I/O
TT
(10)
HDP1, SPI1_MISO/I2S1_SDI, SAI1_CK2, SAI4_SD_A,
UART7_RTS/UART7_DE, TIM15_CH1, TIM1_BKIN,
FDCAN3_RX, OCTOSPIM_P1_NCLK(boot),
OCTOSPIM_P1_NCS2, OCTOSPIM_P2_NCS2,
DCMI_HSYNC/PSSI_DE/DCMIPP_HSYNC, EVENTOUT
-
D9
A10
D12
E14
PD2
I/O
TT
(10)
HDP2, SPI1_NSS/I2S1_WS, SAI1_CK1, SAI4_SCK_A,
UART7_CTS, TIM15_BKIN, TIM1_ETR, FDCAN3_TX,
OCTOSPIM_P1_DQS(boot), OCTOSPIM_P1_NCS2,
DCMI_VSYNC/PSSI_RDY/DCMIPP_VSYNC, EVENTOUT
-
C10
D8
G13
C15
PD3
I/O
TT
(10)
SAI1_MCLK_A, SPI2_SCK/I2S2_CK, SAI1_D1,
SAI4_MCLK_A, UART7_TX, TIM15_CH1N, TIM1_BKIN2,
SDVSEL2, OCTOSPIM_P1_NCS1(boot), PSSI_D15/
DCMIPP_D15, EVENTOUT
-
E10
C12
C18
C14
PD4
I/O
TT
(10)
TRACED0, SPI4_MISO, HDP3, SAI1_D3, SAI1_SD_B,
TIM1_CH4N, TIM4_CH1, OCTOSPIM_P1_IO0(boot),
PSSI_D14/DCMIPP_D14, EVENTOUT
-
D11
B12
B18
B15
PD5
I/O
TT
(10)
TRACED1, SPI4_NSS, HDP4, SAI1_D4, SAI1_FS_B,
TIM1_CH3N, TIM4_CH2, OCTOSPIM_P1_IO1(boot),
DCMI_D13/PSSI_D13/DCMIPP_D13, EVENTOUT
-
E12
A12
A18
A15
PD6
I/O
TT
(10)
TRACED2, SPI4_MOSI, HDP5, SAI1_SCK_B, MDF1_SDI2,
TIM1_CH2N, TIM4_CH3, OCTOSPIM_P1_IO2(boot),
DCMI_D12/PSSI_D12/DCMIPP_D12, EVENTOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com