Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 5Page - STMicroelectronics STM32MP253C Datasheet HTML 6Page - STMicroelectronics STM32MP253C Datasheet HTML 7Page - STMicroelectronics STM32MP253C Datasheet HTML 8Page - STMicroelectronics STM32MP253C Datasheet HTML 9Page - STMicroelectronics STM32MP253C Datasheet HTML 10Page - STMicroelectronics STM32MP253C Datasheet HTML 11Page - STMicroelectronics STM32MP253C Datasheet HTML 12Page - STMicroelectronics STM32MP253C Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 241 page
background image
Features
STM32MP25xC/F
Camera interface
Parallel RGB (DCMI)
Up to 80 MHz
Parallel interface (PSSI)
16-bit input or output, path shared with DCMI
and DCMIPP
HPDMA
3 instances, 48 physical channels in total
LPDMA
1 instance, 4 physical channels
Cryptography
CRYP (two instances)
DES/TDES (ECB, CBC), AES-256 (ECB, CBC,
CTR, GCM, GMAC, CCM)
Secure AES (SAES)
AES-256 (ECB, CBC, CTR, GCM, GMAC,
CCM), hardware attack protections, keys
sharing to CRYP
Public key accelerator (PKA)
Public key primitives for RSA, DH, and ECC
over GF(p). 64-bit core
Hash (HASH)
SHA-1, SHA-2 and SHA-3 (up to 512), MD5,
HMAC
Random number generator (RNG)
True-RNG. FIPS 140-2 NDRNG (NIST
SP800-90B certifiable)
Fuses (one-time programming)
12288 effective bits
Multi-function digital filter (MDF)
8 input channels with 8 filters
Audio digital filter (ADF)
1 input channel with 1 filter and sound-activity
detection
GPIOs
with interrupt (total count)
Up to 172(1)
Wake-up pins
Up to 6(1)
Tamper input/active output pins
Up to 8 inputs and 8 outputs(1)
Up to 12 bit ADC
3 (up to 5 Msps each)
-
ADC channels in total (differential)
Up to 23 channels (or 11 differential)(1)
VREF generation (VREFBUF)
1.21 V, 1.5 V, or VREF+ input
VREF+ input pin
Yes
1. See next tables for details.
2. Can be a boot source.
Table 2. STM32MP25xC/F differences per product lines
Feature
STM32MP251x STM32MP253x
STM32MP255x
STM32MP257x
CPU
Cortex-A35 FPU Neon TrustZone
Single-core
Dual-core
Cache size
L1 data +
instruction
32 + 32 Kbytes 2 x (32 + 32) Kbytes
L2 unified
512 Kbytes
512 Kbytes
Frequency
STM32MP25xC
Up to 1200 MHz
STM32MP25xF
Up to 1500 MHz
GPU
For 3D graphics
No
VeriSilicon GC8000UL -
Open GL ES 3.2.8 - Vulkan 1.2
Performance(1) /
frequency
STM32MP25xC
-
800 MHz, up to 133 Mtriangle/s or
800 Mpixel/s
STM32MP25xF
-
900 MHz, up to 150 Mtriangle/s or
900 Mpixel/s
NPU
For AI processing
No
VeriSilicon GC8000UL - TensorFlowLite
- ONNX - Linux NN
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Description
DS14284 - Rev 3
page 9/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com