Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 178 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 178 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 174Page - STMicroelectronics STM32MP253C Datasheet HTML 175Page - STMicroelectronics STM32MP253C Datasheet HTML 176Page - STMicroelectronics STM32MP253C Datasheet HTML 177Page - STMicroelectronics STM32MP253C Datasheet HTML 178Page - STMicroelectronics STM32MP253C Datasheet HTML 179Page - STMicroelectronics STM32MP253C Datasheet HTML 180Page - STMicroelectronics STM32MP253C Datasheet HTML 181Page - STMicroelectronics STM32MP253C Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 241 page
background image
6.3.23
Voltage reference buffer (VREFBUF) characteristics
Table 89. VREFBUF characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA18ADC
Analog supply
voltage
-
VRS = 000
1.62
1.8
1.89(1)
V
VRS = 001
1.75
1.8
1.89(1)
VREFBUF_OUT
Voltage Reference
Buffer Output
@30 °C,
@ILOAD = 10 μA,
VDDA18ADC = 1.8 V
VRS = 000
1.203 1.21
1.216
VRS = 001
1.491
1.5
1.506
TRIM
Trim step resolution
-
-
±0.05
±0.1
%
CL
Load Capacitor
-
0.5
1.1
1.5
μF
esr
Equivalent Serial
Resistor of CL
-
-
-
1
Ω
ILOAD
External DC load
current
All ADCs ON
-
-
0.8
mA
All ADCs OFF
-
-
2
ILINE_REG
Line regulation
VDDA18ADC range according to VRS value.
TJ = +30 °C.
-
7500 11000 ppm/V
ILOAD_REG
Load regulation
100 μA ≤ ILOAD ≤ 800 μA.
TJ = +30 °C.
-
4700
6000
ppm/m
A
Tcoeff
Temperature
coefficient
-40 °C < TJ < +30 °C
+89
-
+305
ppm/°
C
+30 °C < TJ < +125 °C
-15
-
+68
Acoeff
Long term stability
1000 hours, TJ = 125 °C
-2000
-
+2000
ppm
PSRR
Power supply
rejection
DC
-
76
-
dB
100 kHz
-
60
-
tSTART
Start-up time
-
-
260
388
μs
IINRUSH
Control of max. DC current drive on VREFBUF_OUT during start
‑up
phase (tSTART)
-
-
10
mA
IVDDA18ADC(VREFBUF)
VREFBUF supply
current VDDA18ADC
(excluding internal
and external load)
ENVR = 1
ILOAD = 0.8 mA DC
-
9
21
μA
Peak during 2 × ADC
conversion
-
48
60
ENVR = 0
-
3
6.5
μA
1. Static condition. 1.98 V allowed during transients.
6.3.24
Digital Temperature Sensor (DTS) characteristics
Table 90. DTS characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fDTS
Operating frequency
-
4
-
8
MHz
Res
Resolution
-
8
10
12
Bits
Step
Step size
For respectively 8, 10 and 12 bits resolution
0.86
0.22
0.06
°C
tconv
Conversion time
For respectively 8, 10 and 12 bits resolution
512
2048
8192
1 / fDTS
tpwrup
Power up time
-
-
-
256
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 178/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com