Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 175 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 171Page - STMicroelectronics STM32MP253C Datasheet HTML 172Page - STMicroelectronics STM32MP253C Datasheet HTML 173Page - STMicroelectronics STM32MP253C Datasheet HTML 174Page - STMicroelectronics STM32MP253C Datasheet HTML 175Page - STMicroelectronics STM32MP253C Datasheet HTML 176Page - STMicroelectronics STM32MP253C Datasheet HTML 177Page - STMicroelectronics STM32MP253C Datasheet HTML 178Page - STMicroelectronics STM32MP253C Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 241 page
background image
Table 87. ADC accuracy
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ET
Total unadjusted
error (TUE)
Single ended with dedicated ANA input
-
4.6
40
+/-
LSB
Differential with dedicated ANA input
-
5.2
22
Single ended with general purpose IO (GPIO) input
-
13
24
+/-
LSB
Differential with general purpose IO (GPIO) input
-
6.3
18
ED
Differential linearity
error (DNL)
Single ended with dedicated ANA input
-
0.9
2
+/-
LSB
Differential with dedicated ANA input
-
0.8
2
Single ended with general purpose IO (GPIO) input
-
0.9
2
+/-
LSB
Differential with general purpose IO (GPIO) input
-
0.9
2
EL
Integral linearity
error (INL)
Single ended with dedicated ANA input
-
2
6
+/-
LSB
Differential with dedicated ANA input
-
2
5
Single ended with general purpose IO (GPIO) input
-
4
6
+/-
LSB
Differential with general purpose IO (GPIO) input
-
3
8
ENOB
Effective number of
bits
Single ended with dedicated ANA input
-
9.9
-
Bits
Differential with dedicated ANA input
-
10.5
-
Single ended with general purpose IO (GPIO) input
-
9.35
-
Bits
Differential with general purpose IO (GPIO) input
-
10.5
-
SINAD
Signal-to-noise and
distortion ratio(1)
Single ended with dedicated ANA input
-
61.5
-
dB
Differential with dedicated ANA input
-
66
-
Single ended with general purpose IO (GPIO) input
-
58
-
dB
Differential with general purpose IO (GPIO) input
-
64
-
SNR
Signal-to-noise ratio
Single ended with dedicated ANA input
-
61.5
-
dB
Differential with dedicated ANA input
-
66.5
-
Single ended with general purpose IO (GPIO) input
-
58.5
-
dB
Differential with general purpose IO (GPIO) input
-
65
-
THD
Total harmonic
distortion
Single ended with dedicated ANA input
-
-76
-
dB
Differential with dedicated ANA input
-
-79
-
Single ended with general purpose IO (GPIO) input
-
-74.5
-
dB
Differential with general purpose IO (GPIO) input
-
-73.5
-
EG
Gain error
Versus VREF+ value with dedicated ANA input
-1
-
+1
%Full
-Scal
e
Versus VREF+ value with general purpose IO (GPIO)
input
-1
-
+1
EO
Offset error
Without calibration with ANA input
-1
-
+1
%Full
-Scal
e
After calibration with ANA input
-2
-
+2
LSB
Without calibration with general purpose IO (GPIO)
input
-1
-
+1
%Full
-Scal
e
After calibration with general purpose IO (GPIO) input
-2
-
+2
LSB
1. Value measured with a -0.5dBFS input signal and then extrapolated to full scale.
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 175/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com