Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 171 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 167Page - STMicroelectronics STM32MP253C Datasheet HTML 168Page - STMicroelectronics STM32MP253C Datasheet HTML 169Page - STMicroelectronics STM32MP253C Datasheet HTML 170Page - STMicroelectronics STM32MP253C Datasheet HTML 171Page - STMicroelectronics STM32MP253C Datasheet HTML 172Page - STMicroelectronics STM32MP253C Datasheet HTML 173Page - STMicroelectronics STM32MP253C Datasheet HTML 174Page - STMicroelectronics STM32MP253C Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 241 page
background image
Figure 33. OCTOSPI timing diagram - DTR mode
Data output
D0
D2
D4
Clock
Data input
D0
D2
D4
t(CLK)
tw(CLKH)
tw(CLKL)
tr(CLK)
tf(CLK)
tsf(IN) thf(IN)
tvf(OUT)
thr(OUT)
D1
D3
D5
D1
D3
D5
tvr(OUT)
thf(OUT)
tsr(IN) thr(IN)
Table 84. OCTOSPI characteristics in DTR mode (with DQS or HyperBus)
Evaluated by characterization, not tested in production unless otherwise specified.
(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(CLK)
Clock
frequency
2.7 < VDDIOx < 3.6, CL = 20 pF
-
-
133
MHz
1.71 < VDDIOx < 1.89,
CL = 20 pF
-
-
133
tw(CLKH)
Clock high
and low time
- Even
division
PRESCALER[7:0] = n = 0,1,3,5
t(CLK) / 2
-
t(CLK) / 2 + 1
ns
tw(CLKL)
t(CLK) / 2 - 1
-
t(CLK) / 2
tw(CLKH)
Clock high
and low time
- Odd
division
PRESCALER[7:0] = n = 2,4,6,8
(n/2) × t(CLK) / (n+1)
-
(n/
2) × t(CLK) / (n+1) + 1
tw(CLKL)
(n/
2+1) × t(CLK) / (n+1) -
1
-
(n/
2+1) × t(CLK) / (n+1)
tw(CS)
Chip select
high time
-
3 × t(CLK)
-
-
tv(CK)
CS to Clock
valid time
-
-
-
t(CLK) + 1
th(CK)
Clock to CS
high hold
time
-
3.5×t(CLK)
-
-
VODr(CK)
CK,CK#
crossing
level on CK
rising edge
VDDIOx = 1.8 V
1157
-
1389
VODf(CK)
CK,CK#
crossing
level on CK
falling edge
VDDIOx = 1.8 V
1087
-
1312
tsr(DQ),
tsf(DQ)
Data input
setup time
F(CLK) > 50 MHz(1)
1.5 - t(CLK) / 4
-
-
F(CLK) < 50 MHz(2)
-1
-
-
thrDQN),
thf(DQ)
Data input
hold time
F(CLK) > 50 MHz(1)
1.5 + t(CLK) / 4
-
-
F(CLK) < 50 MHz(2)
3
-
-
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 171/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com