Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 173 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 173 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 169Page - STMicroelectronics STM32MP253C Datasheet HTML 170Page - STMicroelectronics STM32MP253C Datasheet HTML 171Page - STMicroelectronics STM32MP253C Datasheet HTML 172Page - STMicroelectronics STM32MP253C Datasheet HTML 173Page - STMicroelectronics STM32MP253C Datasheet HTML 174Page - STMicroelectronics STM32MP253C Datasheet HTML 175Page - STMicroelectronics STM32MP253C Datasheet HTML 176Page - STMicroelectronics STM32MP253C Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 241 page
background image
Figure 36. OCTOSPI HyperBus read with double latency
NCS
tRWR = read/write recovery
tACC = access
Additional latency
Command address
47:40 39:3231:24 23:16 15:8 7:0
High = 2x latency count
Low = 1x latency count
Host drives DQ[7:0] and the memory drives RWDS
RWDS and data
are edge aligned
CLK, NCLK
RWDS
DQ[7:0]
Memory drives DQ[7:0] and RWDS
tCKDS
Dn+1
B
Dn+1
A
Dn
B
Dn
A
Figure 37. OCTOSPI HyperBus write
NCS
Access latency
Latency count
Command address
47:40 39:32 31:24 23:16 15:8
7:0
Host drives DQ[7:0] and the memory drives RWDS.
Host drives DQ[7:0] and RWDS.
CLK, NCLK
RWDS
DQ[7:0]
tw(CS)
tv(RWDS)
tv(CLK)
th(CLK)
High = 2x latency count
Low = 1x latency count
Read write recovery
th(OUT)
tv(OUT)
th(OUT)
tv(OUT)
th(OUT)
tv(OUT)
Dn
A
Dn
B
Dn+1
A
Dn+1
B
6.3.21
Delay block (DLYB) characteristics
Unless otherwise specified, the parameters given in Table 85 for the delay block are derived from tests performed
under the ambient temperature and VDD supply voltage summarized in Table 17. General operating conditions .
Table 85. DLYB characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tinit
Initial delay
Bypass mode
100
150
300
ps
t∆
Unit delay
Bypass mode
30
31
49
Lock mode
-
T / 32(1)
-
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 173/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com