Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 172 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 172 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 168Page - STMicroelectronics STM32MP253C Datasheet HTML 169Page - STMicroelectronics STM32MP253C Datasheet HTML 170Page - STMicroelectronics STM32MP253C Datasheet HTML 171Page - STMicroelectronics STM32MP253C Datasheet HTML 172Page - STMicroelectronics STM32MP253C Datasheet HTML 173Page - STMicroelectronics STM32MP253C Datasheet HTML 174Page - STMicroelectronics STM32MP253C Datasheet HTML 175Page - STMicroelectronics STM32MP253C Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tv(DS)
Data strobe
input valid
time
ns
-
0
-
-
th(DS)
Data strobe
input hold
time
-
0
-
-
tv(RWDS)
Data strobe
output valid
time
-
-
-
3 × t(CLK)
tvr(OUT),
tvf(OUT)(3)
Data output
valid time
-
-
1 + t(CLK) / 4
1.5 + t(CLK) / 4
-
1
1.5
thr(OUT),
thf(OUT)(3)
Data output
hold time
-
t(CLK) / 4 - 0.5
-
-
0
-
-
1. DLL enabled in lock mode (SYSCFG_DLYBOSxCR.EN = 1) with 25% delay
(SYSCFG_DLYBOSxCR.RX_TAP_SEL[5:0] = 0x8).
2. DLL enabled in bypass mode (SYSCFG_DLYBOSxCR.BYP_EN = 1) with typical settings
(SYSCFG_DLYBOSxCR.RX_TAP_SEL[5:0] = 0x2 and SYSCFG_DLYBOSxCR.BYP_CMD[4:0] = 0x18).
3. When PRESCALER = 0 the DLL must be used for TX delay.
Figure 34. OCTOSPI HyperBus clock
CLK
t(NCLK)
tw(NCLKL)
tw(NCLKH)
tf(NCLK)
tr(NCLK)
tr(CLK)
tw(CLKH)
tw(CLKL)
t(CLK)
tf(CLK)
NCLK
VOD(CLK)
Figure 35. OCTOSPI HyperBus read
NCS
tACC = initial access
Latency count
Command address
47:40 39:32 31:24 23:16 15:8
7:0
Host drives DQ[7:0] and the memory drives RWDS.
CLK, NCLK
RWDS
DQ[7:0]
Memory drives DQ[7:0] and RWDS.
tw(CS)
tv(RWDS)
tv(CLK)
tv(DS)
tv(DQ)
th(CLK)
th(DS)
tv(OUT)
th(OUT)
th(DQ)
ts(DQ)
Dn
A
Dn
B
Dn+1
A
Dn+1
B
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 172/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com