Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 179 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 179 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 175Page - STMicroelectronics STM32MP253C Datasheet HTML 176Page - STMicroelectronics STM32MP253C Datasheet HTML 177Page - STMicroelectronics STM32MP253C Datasheet HTML 178Page - STMicroelectronics STM32MP253C Datasheet HTML 179Page - STMicroelectronics STM32MP253C Datasheet HTML 180Page - STMicroelectronics STM32MP253C Datasheet HTML 181Page - STMicroelectronics STM32MP253C Datasheet HTML 182Page - STMicroelectronics STM32MP253C Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TA
Accuracy
From -20 to +125 °C
-
-
3(1)
°C
From -40° C to -20 °C
-
-
6
G
G constant
Refer to reference manual for the formula
58.5
°C
H
H constant
Refer to reference manual for the formula
201.2
°C
J
J constant
Refer to reference manual for the formula
0
°C / MHz
Cal5
Cal5 constant
Refer to reference manual for the formula
4094
-
TSloc
Sensor location
TS0 sensor
Inside padring(2)
-
TS1 sensor
Inside device logic(2)
-
IDTS(VDDA18AON)
DTS supply current on
VDDA18AON
fDTS = 8 MHz, continuous measurements, single
sensor
-
120
160
μA
At 1 measurement/s
-
-
1
fDTS clock stopped
-
-
1
IDTS(VDDCORE)
DTS supply current on
VDDCORE
fDTS = 8 MHz
-
-
15
μA
1. Guaranteed by test in production.
2. Temperature in padring sensor (side of the silicon die) is usually slightly lower than device logic sensor as most heat is
generated inside device logic.
6.3.25
VBAT, VDDCPU, VDDCORE, VDDGPU ADC measurement characteristics
Table 91. VBAT, VDDCPU, VDDCORE, VDDGPU ADC measurement characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-
-
130
-
kΩ
Q
Ratio on VBAT measurement
-
-
4
-
-
Er
Error on Q
-
-1
-
+1
%
tS_VBAT(1)
ADC sampling time when reading the VBAT
-
34
-
-
ns
tS_VDDCPU(1)
ADC sampling time when reading the VDDCPU
-
34
-
-
ns
tS_VDDCORE(1)
ADC sampling time when reading the VDDCORE
-
34
-
-
ns
tS_VDDGPU(1)
ADC sampling time when reading the VDDGPU
-
34
-
-
ns
1. Specified by design, not tested in production.
6.3.26
Temperature and VBAT monitoring characteristic for tamper detection
Table 92. TEMP and VBAT Monitoring characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TEMPH
High TJ temperature monitoring
-
110
-
125
° C
TEMPL
Low TJ temperature monitoring
-
-40
-
-30
V08CAPH
High V08CAP supply monitoring(1)
-
0.88
-
1
V
V08CAPL
Low V08CAP supply monitoring(1)
-
0.6
-
0.72
-
V08CAP_filter
V08CAP supply monitoring glitch filter(1)
-
-
-
1
μs
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 179/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com