Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 180 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 180 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 176Page - STMicroelectronics STM32MP253C Datasheet HTML 177Page - STMicroelectronics STM32MP253C Datasheet HTML 178Page - STMicroelectronics STM32MP253C Datasheet HTML 179Page - STMicroelectronics STM32MP253C Datasheet HTML 180Page - STMicroelectronics STM32MP253C Datasheet HTML 181Page - STMicroelectronics STM32MP253C Datasheet HTML 182Page - STMicroelectronics STM32MP253C Datasheet HTML 183Page - STMicroelectronics STM32MP253C Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 241 page
background image
1. V08CAP is an internal regulator supplied by VSW. VSW is equal to VDD when present or VBAT otherwise.
6.3.27
Voltage monitoring characteristics
Table 93. Voltage monitoring characteristics (VDDCORE, VDDCPU, VDDGPU, PVD_IN, VDDA18ADC, VDDIO1/2/3/4,
VDD33USB, VDD33UCPD)
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDCORE monitoring
VOV_VDCORE
Threshold on rising
edge
To set VCOREH bit (overvoltage)
0.88(1)
-
-
V
VUV_VDDCORE
Threshold on falling
edge
To set VCOREL bit (undervoltage)
0.72
-
0.78(1)
Vhyst_VDDCORE
Hysteresis on
monitoring
To clear VCOREL or VCOREH bit
-
20
-
mV
IUV_OV_VDDCORE(VDDA18AON)
Supply current on
VDDA18AON
VCOREMONEN = 1
-
0.75
-
μA
VDDCPU monitoring
VOV_VDDCPU
Threshold on rising
edge
To set VCPUH bit (overvoltage)
0.99(1)
-
-
V
VUV_VDDCPU
Threshold on falling
edge
To set VCPUL bit
(undervoltage)
VCPULLS = 0
0.72
-
0.78(1)
VCPULLS = 1
0.81
-
0.87
Vhyst_VDDCPU
Hysteresis on
monitoring
To clear VCPUL or VCPUH bit
-
20
-
mV
IUV_OV_VDDCPU(VDDA18AON)
Supply current on
VDDA18AON
VCPUMONEN = 1
-
0.75
-
μA
VDDGPU monitoring
VRDY_VDDDGPU
Threshold on rising
edge
To set VDDGPURDY
bit
GPULVTEN = 0 0.63(1)
-
-
V
GPULVTEN = 1
0.55
-
-
Vhyst_VDDGPU
Hysteresis on falling
edge
To clear VDDGPURDY bit
-
23
-
mV
Tdelay_VDDGPU
Delay after detection
To set VDDGPURDY bit
180
400
750
μs
To clear VDDGPURDY bit
-
0
-
IRDY_VDDGPU(VDDA18AON)
Supply current on
VDDA18AON
GPUVMEN = 1
-
0.75
-
μA
PVD_IN monitoring
VPVD_IN
Threshold on rising
edge
-
-
0.815
-
V
Vhyst_PVD
Hysteresis on
monitoring
-
-
30
-
mV
IPVD(VDDA18AON)
Supply current on
VDDA18AON
PVDEN = 1
-
0.75
-
μA
VDDA18ADC monitoring
VRDY_VDDA18ADC
Threshold on rising
edge
-
-
-
1.55(1)
V
Vhyst_VDDA18ADC
Hysteresis on
monitoring
-
-
40
-
mV
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 180/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com