Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 181 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 181 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 177Page - STMicroelectronics STM32MP253C Datasheet HTML 178Page - STMicroelectronics STM32MP253C Datasheet HTML 179Page - STMicroelectronics STM32MP253C Datasheet HTML 180Page - STMicroelectronics STM32MP253C Datasheet HTML 181Page - STMicroelectronics STM32MP253C Datasheet HTML 182Page - STMicroelectronics STM32MP253C Datasheet HTML 183Page - STMicroelectronics STM32MP253C Datasheet HTML 184Page - STMicroelectronics STM32MP253C Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 241 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IRDY_VDDA18ADC(VDDA18AON)
Supply current on
VDDA18AON
AVMEN = 1
-
0.75
-
μA
IRDY_VDDA18ADC
Supply current on
VDDA18ADC
AVMEN = 1
-
1
-
μA
VDDIO1 monitoring
VRDY_VDDIO1
Threshold on rising
edge
-
-
-
1.55(1)
V
Vhyst_VDDIO1
Hysteresis on
monitoring
-
-
40
-
mV
IRDY_VDDIO1(VDDA18AON)
Supply current on
VDDA18AON
VDDIO1VMEN = 1
-
0.75
-
μA
IRDY_VDDIO1
Supply current on
VDDIO1
Always ON
VDDIO1 = 1.8 V
-
0.5
-
μA
VDDIO1 = 3.3 V
-
1
-
VDDIO2 monitoring
VRDY_VDDIO2
Threshold on rising
edge
-
-
-
1.55(1)
V
Vhyst_VDDIO2
Hysteresis on
monitoring
-
-
40
-
mV
IRDY_VDDIO2(VDDA18AON)
Supply current on
VDDA18AON
VDDIO2VMEN = 1
-
0.75
-
μA
IRDY_VDDIO2
Supply current on
VDDIO2
Always ON
VDDIO2 = 1.8 V
-
0.5
-
μA
VDDIO2 = 3.3 V
-
1
-
VDDIO3 monitoring
VRDY_VDDIO3
Threshold on rising
edge
-
-
-
1.55(1)
V
Vhyst_VDDIO3
Hysteresis on
monitoring
-
-
40
-
mV
IRDY_VDDIO3(VDDA18AON)
Supply current on
VDDA18AON
VDDIO3VMEN = 1
-
0.75
-
μA
IRDY_VDDIO3
Supply current on
VDDIO3
Always ON
VDDIO3 = 1.8 V
-
0.5
-
μA
VDDIO3 = 3.3 V
-
1
-
VDDIO4 monitoring
VRDY_VDDIO4
Threshold on rising
edge
-
-
-
1.55(1)
V
Vhyst_VDDIO4
Hysteresis on
monitoring
-
-
40
-
mV
IRDY_VDDIO4(VDDA18AON)
Supply current on
VDDA18AON
VDDIO4VMEN = 1
-
0.75
-
μA
IRDY_VDDIO4
Supply current on
VDDIO4
Always ON
VDDIO4 = 1.8 V
-
0.5
-
μA
VDDIO4 = 3.3 V
-
1
-
VDD33USB monitoring
VRDY_VDD33USB
Threshold on rising
edge
-
-
-
1.55(1)
V
Vhyst_VDD33USB
Hysteresis on
monitoring
-
-
40
-
mV
IRDY_VDD33USB(VDDA18AON)
Supply current on
VDDA18AON
USB33VMEN = 1
-
0.75
-
μA
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 181/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com