Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32MP253C Datasheet(PDF) 185 Page - STMicroelectronics

Part # STM32MP253C
Description  Arm® based dual Cortex®-A35 1.5 GHz Cortex®-M33 MPU, AI, 3D GPU, video encoder/decoder, TFT/DSI/LVDS, USB 3.0, PCIe®, crypto
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP253C Datasheet(HTML) 185 Page - STMicroelectronics

Back Button STM32MP253C Datasheet HTML 181Page - STMicroelectronics STM32MP253C Datasheet HTML 182Page - STMicroelectronics STM32MP253C Datasheet HTML 183Page - STMicroelectronics STM32MP253C Datasheet HTML 184Page - STMicroelectronics STM32MP253C Datasheet HTML 185Page - STMicroelectronics STM32MP253C Datasheet HTML 186Page - STMicroelectronics STM32MP253C Datasheet HTML 187Page - STMicroelectronics STM32MP253C Datasheet HTML 188Page - STMicroelectronics STM32MP253C Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 241 page
background image
Table 97. DCMI characteristics
Evaluated by characterization, not tested in production unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
clock_ratio
Frequency ratio DCMI_PIXCLK / fHCLK
-
-
0.4
-
DCMI_PIXCLK
Pixel clock input
-
-
80
MHz
DPIXEL
Pixel clock input duty cycle
30
-
70
%
tsu(DATA)
Data input setup time
3
-
-
ns
th(DATA)
Data hold time
1
-
-
tsu(HSYNC) tsu(VSYNC)
DCMI_HSYNC and DCMI_VSYNC input setup times
3
-
-
th(HSYNC) th(VSYNC)
DCMI_HSYNC and DCMI_VSYNC input hold times
1
-
-
Figure 42. DCMI timing diagram
DCMI_PIXCLK
tsu(VSYNC)
tsu(HSYNC)
DCMI_HSYNC
DCMI_VSYNC
DATA[0:13]
1/DCMI_PIXCLK
th(HSYNC)
th(HSYNC)
tsu(DATA)
th(DATA)
6.3.32
Camera interface (DCMIPP) characteristics
Unless otherwise specified, the parameters given in Table 98 for DCMIPP are derived from tests performed under
the ambient temperature, frequency and supply voltage conditions summarized in Table 17. General operating
conditions, with the following configuration:
•
DCMIPP_PIXCLK polarity: falling (refer to AN5489 "Getting started with STM32MP25xx lines hardware
development") available from the ST website www.st.com.
•
DCMIPP_VSYNC and DCMIPP_HSYNC polarity: high
•
Data formats: 16 bits
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5 × VDD
•
I/O compensation cell activated
•
VDDxVRSEL activated when VDDx ≤ 2.7 V
STM32MP251C/F STM32MP253C/F STM32MP255C/F STM32MP257C/F
Electrical characteristics
DS14284 - Rev 3
page 185/241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com